Electronic Components Datasheet Search
  English  ▼

X  

PCM120T Datasheet(PDF) 5 Page - EPCOS

Part # PCM120T
Description  Inductors for power circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

PCM120T Datasheet(HTML) 5 Page - EPCOS

  PCM120T Datasheet HTML 1Page - EPCOS PCM120T Datasheet HTML 2Page - EPCOS PCM120T Datasheet HTML 3Page - EPCOS PCM120T Datasheet HTML 4Page - EPCOS PCM120T Datasheet HTML 5Page - EPCOS PCM120T Datasheet HTML 6Page - EPCOS PCM120T Datasheet HTML 7Page - EPCOS PCM120T Datasheet HTML 8Page - EPCOS PCM120T Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
04/21
Please read Cautions and warnings and
Important notes at the end of this document.
Inductance L versus DC superposition IDC
measured with LCR meter Agilent 4284A and
Agilent 42842, typical values at +20 °C
PCM120T-R40N-D
PCM120T-R68N-D
PCM120T-R50N-D
PCM120T-R82N-D
PCM120T
Inductors for power circuits
Size 12.4 x 13.1 x 11.5 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com