Electronic Components Datasheet Search
  English  ▼

X  

PCM120T Datasheet(PDF) 4 Page - EPCOS

Part # PCM120T
Description  Inductors for power circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

PCM120T Datasheet(HTML) 4 Page - EPCOS

  PCM120T Datasheet HTML 1Page - EPCOS PCM120T Datasheet HTML 2Page - EPCOS PCM120T Datasheet HTML 3Page - EPCOS PCM120T Datasheet HTML 4Page - EPCOS PCM120T Datasheet HTML 5Page - EPCOS PCM120T Datasheet HTML 6Page - EPCOS PCM120T Datasheet HTML 7Page - EPCOS PCM120T Datasheet HTML 8Page - EPCOS PCM120T Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
04/21
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
(Measured at room temperature unless otherwise noted)
Characteristics and ordering codes
Rated inductance LR
Measured with LCR meter Agilent 4284A at frequency fL, 0.1 V
Operating temperature range
–55 °C … +165 °C
Thermal current Itemp
Max. permissible DC with temperature increase of 40 K
(to IEC 62024-2)
Saturation current Isat
Max. permissible DC with inductance decrease
L/L0 of 30% of its nominal value
DC resistance RDC
Measured with Burster Resistomat 2329
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7:
+(245 5) °C, (5 0.3) s
Wetting of soldering area 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
as referenced in JEDEC J-STD 020D
Climatic category
55/165/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +165 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 6 g
LR
μH
Tol.
Meas.
freq.
kHz
RDC
m
Rated current
Internal code
Ordering code
Isat,typ
A
Isat,min
A
Itemp,typ
A
0.40 30% 100
0.72 30% 79.80 67.8 50.0
B82482M1401N000 PCM120T-R40N-D
0.50 30% 100
0.72 30% 58.7 49.9 50.0
B82482M1501N000 PCM120T-R50N-D
0.68 30% 100
0.83 30% 49.5 40.6 46.6
B82482M1681N000 PCM120T-R68N-D
0.82 30% 100
1.06 30% 49.3 40.5 41.2
B82482M1821N000 PCM120T-R82N-D
1.0
30% 100
1.06 30% 39.5 33.6 41.2
B82482M1102N000 PCM120T-1R0N-D
1.2
30% 100
1.45 30% 38.7 32.9 35.2
B82482M1122N000 PCM120T-1R2N-D
1.5
20% 100
1.45 20% 32.2 27.4 35.2
B82482M1152N000 PCM120T-1R5N-D
2.2
20% 100
2.45 20% 24.8 20.5 27.1
B82482M1222M000 PCM120T-2R2M-D
2.7
20% 100
3.12 20% 26.3 20.4 24.4
B82482M1272M000 PCM120T-2R7M-D
3.3
20% 100
3.12 20% 20.9 16.7 24.4
B82482M1332M000 PCM120T-3R3M-D
4.7
20% 100
4.30 20% 17.0 14.9 20.6
B82482M1472M000 PCM120T-4R7M-D
6.8
20% 100
6.50 20% 15.1 13.2 16.6
B82482M1682M000 PCM120T-6R8M-D
8.2
20% 100
9.00 20% 15.0 11.5 14.1
B82482M1822M000 PCM120T-8R2M-D
10.0
20% 100
9.00 20% 12.0 10.2 14.1
B82482M1103M000 PCM120T-100M-D
PCM120T
Inductors for power circuits
Size 12.4 x 13.1 x 11.5 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com