Electronic Components Datasheet Search
  English  ▼

X  

AD7091R Datasheet(PDF) 4 Page - Analog Devices

Part # AD7091R
Description  12-Bit, 300 kSPS, Single-Supply, Fully Isolated, Data Acquisition System for ±10 V Inputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R Datasheet(HTML) 4 Page - Analog Devices

  AD7091R Datasheet HTML 1Page - Analog Devices AD7091R Datasheet HTML 2Page - Analog Devices AD7091R Datasheet HTML 3Page - Analog Devices AD7091R Datasheet HTML 4Page - Analog Devices AD7091R Datasheet HTML 5Page - Analog Devices AD7091R Datasheet HTML 6Page - Analog Devices AD7091R Datasheet HTML 7Page - Analog Devices AD7091R Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CN-0335
Circuit Note
Rev. A | Page 4 of 8
Effect of Resistor Temperature Coefficients on Overall
Error
Equation 1 shows that the output voltage is a function of five
resistors: R1, R2, R4, R5, and R6. The sensitivity of the full-scale
output voltage at TP1 to small changes in each of the five
resistors was calculated using a simulation program. The input
voltage to the circuit was +10 V. The individual sensitivities
calculated were SR1 = 0.19, SR2 = 0.19, SR4 = 0.39, SR5 = 0.11, SR6 =
0.50. Assuming the individual temperature coefficients combine
in a root-sum-square (rss) manner, then the overall full-scale
drift using 100 ppm/°C resistors is approximately:
Full scale drift =
=100 ppm/°C √(SR12 + SR22 + SR42 + SR52 + SR62)
=100 ppm/°C √(0.192 + 0.192 + 0.392 + 0.112 + 0.502)
= 69 ppm/°C
The full scale drift of 69 ppm/°C corresponds to 0.0069%
FSR/°C. Using 25 ppm/°C resistors reduces the drift error to
0.25 × 69 ppm/°C = 17 ppm/°C, or 0.0017% FSR/°C.
Effect of Active Component Temperature Coefficients on
Overall Error
The dc offsets of the AD8606 op amps and the AD7091R ADC
are eliminated by the calibration procedure.
The offset drift of the ADC AD7091R internal reference is
4.5 ppm/°C typical and 25 ppm/°C maximum.
The offset drift of the AD8606 op amp is 1μV/°C typical and
4.5μV/°C maximum.
The error due to the U1A input AD8606 is referenced to the
2.3 V output range and is therefore 2 ppm/°C. The error due to
the U1B reference buffer is referenced to 2.5 V and is also
approximately 2 ppm/°C.
The total drift error is summarized in Table 1. These errors do
not include the ±1 LSB integral nonlinearity error of the AD7091R.
Note that resistor drift is the largest contributor to total drift if
50 ppm/°C or 100 ppm/°C resistors are used, and the drift due
to active components can be neglected.
Table 1. Error Due to Temperature Drift
Error Source
Total Error
Resistors (1%, 100 ppm/°C)
±0.0069% FSR/°C
AD7091R (∆VVREF/∆T = 25 ppm/°C)
±0.0025% FSR/°C
AD8606, U1A (∆VOS/∆T= 4.5 μV/°C), 2
ppm/°C, Referenced to 2.3 V
±0.0002% FSR/°C
AD8606, U1B (∆VOS/∆T= 4.5 μV/°C), 2
ppm/°C, Referenced to 2.5 V
±0.0002% FSR/°C
Total FSR Error Temperature Coefficient
(100 ppm/°C Resistors)
±0.0098% FSR/°C
Total % FSR Error for ∆T=±10°C (100 ppm/°C
Resistors)
±0.098% FSR
Total % FSR Error for ∆T=±10°C (25 ppm/°C
Resistors)
±0.046% FSR
Test Data Before and After Two-Point Calibration
To perform the two-point calibration, −10 V is first applied to
the input, and the ADC output code is recorded as Code_1.
Then +10 V is applied to the input, and the ADC output code is
recorded as Code_2. The gain factor is calculated by
Code_1
Code_2 −
=
V
20
GF
The input voltage can now be calculated corresponding to any
output code, Code_x, using the equation:
)
(
V
10
Code_1
Code_x −
+
−
=
GF
V
IN
.
The error before calibration is obtained by comparing the ideal
transfer function calculated using the nominal values of the
components, and real circuit transfer function without
calibration. The tested circuits have been built with resistors
having ±1% tolerance. The test results do not include
temperature changes.
The graph in Figure 3 shows test results for percent error (FSR)
before and after calibration at ambient temperature. As it is shown,
the maximum error before calibration is about 0.23% FSR.
After calibration, the error decreases to ±0.03% FSR, which
approximately corresponds to 1 LSB error of the ADC.
0.25
0.20
0.15
0.10
0.05
0
–0.05
–10
–5
0
5
10
INPUT VOLTAGE (V)
ERROR BEFORE CALIBRATION
ERROR AFTER CALIBRATION
Figure 3. Circuit Test Error Before and After Room Temperature Calibration
PCB Layout Considerations
In any circuit where accuracy is crucial, it is important to consider
the power supply and ground return layout on the board. The
PCB should isolate the digital and analog sections as much as
possible. The PCB for this system was constructed in a simple
2-layer stack up, but a 4-layer stack up gives better EMS. See the
MT-031 Tutorial for more information on layout and grounding
and the MT-101 Tutorial for information on decoupling
techniques. Decouple the power supply to AD8606 with 10 μF
and 0.1 μF capacitors to properly suppress noise and reduce ripple.
Place the capacitors as close to the device as possible with the
0.1 μF capacitor having a low ESR value. Ceramic capacitors are
advised for all high frequency decoupling. Power supply lines
should have as large trace width as possible to provide a low
impedance path and to reduce glitch effects on the supply line.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com