Electronic Components Datasheet Search
  English  ▼

X  

AD7091R Datasheet(PDF) 3 Page - Analog Devices

Part # AD7091R
Description  12-Bit, 300 kSPS, Single-Supply, Fully Isolated, Data Acquisition System for ±10 V Inputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R Datasheet(HTML) 3 Page - Analog Devices

  AD7091R Datasheet HTML 1Page - Analog Devices AD7091R Datasheet HTML 2Page - Analog Devices AD7091R Datasheet HTML 3Page - Analog Devices AD7091R Datasheet HTML 4Page - Analog Devices AD7091R Datasheet HTML 5Page - Analog Devices AD7091R Datasheet HTML 6Page - Analog Devices AD7091R Datasheet HTML 7Page - Analog Devices AD7091R Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Circuit Note
CN-0335
Rev. A | Page 3 of 8
The transfer function is obtained from the superposition principle:
OFFSET
GAIN
V
k
R0
R5
R0
V
k
R
R4
R
V
R1
R2
R6
R4
R5
R6
R4
V
R1
R2
R6
R5
R4
R6
R5
V
V
IN
REF
IN
REF
IN
OUT
+
=
+
+
+
=
=


+
+
+


+
+
=
1
1
(1)
where:
R6
R5
R5R6
R6
R5
R
+
=
=
,
R6
R4
R4R6
R6
R4
R0
+
=
=
(2)
and


+
=
R1
R2
k
1
(3)
Calculation of the Gain, Output Offset, and the Resistor
Values
For input voltage range ±10 V, the calculations are as follows.
The gain of the circuit is:
115
.
0
V
20
V
2.3
V)
10
(
V
10
V
0.1
V
4
.
2
=
=
−
−
+
−
=
∆
∆
=
IN
OUT
V
V
GAIN
(4)
and according to the transfer function:
k
R
R4
R
R1
R2
R6
R5
R4
R6
R5
GAIN
+
=


+
+
=
1
(5)
The output offset of the circuit is:
V
1.25
2
V
0.1
V
2.4
V
1
.
0
V)
0
(
=
−
+
=
=
=
IN
OUT
V
V
OFFSET
(6)
and according to the transfer function:
k
R0
R5
R0
V
R1
R2
R6
R4
R5
R6
R4
V
OFFSET
REF
REF
+
=


+
+
=
1
(7)
From Equation 4, for k =1.23 (this value can vary, depending on
the value of the standard value resistors R1 and R2), the ratio
R4/R can be calculated:
R
R4
696
.
9
=
(8)
From Equation 7, for VREF = 2.5V and k =1.23 the ratio R5/R0
can be calculated:
R0
R5
46
.
1
=
(9)
Using Equation 2 for the resistors R and R0, and the ratios in
Equation 8 and Equation 9, the ratio R4/R6 can be calculated:
R6
R4
346
.
5
=
(10)
From Equation 8, Equation 9, and Equation 10, the resistors R4,
R5,and R6 can be calculated. For example choosing R6 = 10 kΩ
leads to R4 = 53.46 kΩ, and R5 =12.3 kΩ.
In the actual circuit the nearest available standard resistor
values were chosen for R4 and R5. The values selected were R4
= 52.3 kΩ and R5 = 12 kΩ. Note that R1 = R4 and R2 = R5.
If these values are chosen carefully, the overall error due to
substituting standard value resistors can be made less than a few
percent. However, use Equation 1 to recalculate the U1A op
amp output for ±10 V inputs to ensure that the required
headroom is preserved.
The absolute accuracy in this type of circuit is primarily
determined by the resistors, and therefore gain and offset
calibration is required to remove the error due to standard value
substitution and resistor tolerances.
Calculation of Resistor Values for Different Input Ranges
For input ranges other than ±10 V complete the following
calculation steps.
Define the input span, the output span, and the offset:
MIN
IN
MAX
IN
IN
V
V
V
_
_
−
=
∆
(11)
MIN
OUT
MAX
IOUT
OUT
V
V
V
_
_
−
=
∆
(12)
MIN
OUT
OUT
V
V
Offset
_
2
+
∆
=
(13)
Calculate the gain:
IN
OUT
V
V
GAIN
∆
∆
=
(14)
Calculate the offset:
MIN
OUT
OUT
V
V
Offset
_
2
+
∆
=
(15)
Choose the value for the parameter k:


+
=
R1
R2
k
1
(16)
Calculate the ratio R4/R, using:
k
R
R4
R
GAIN
+
=
(17)
Calculate the ratio R5/R0, using:
k
R0
R5
R0
V
Offset
REF
+
=
(18)
Replace R and R0 in Equation 17 and Equation 18 with the
values defined in Equation 2, and solve both equations find the
ratio R4/R6.
Choose a value for the resistor R6. Calculate R4 using the ratio of
R4/R6. Knowing the values for R4 and R6, calculate R5 using
Equation 2 and the R4/R6 ratio. Calculate R2 and R1 using
Equation 16. It is reasonable to choose R1 = R4 and calculate R2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com