Electronic Components Datasheet Search
  English  ▼

X  

AD7091R Datasheet(PDF) 2 Page - Analog Devices

Part # AD7091R
Description  12-Bit, 300 kSPS, Single-Supply, Fully Isolated, Data Acquisition System for ±10 V Inputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R Datasheet(HTML) 2 Page - Analog Devices

  AD7091R Datasheet HTML 1Page - Analog Devices AD7091R Datasheet HTML 2Page - Analog Devices AD7091R Datasheet HTML 3Page - Analog Devices AD7091R Datasheet HTML 4Page - Analog Devices AD7091R Datasheet HTML 5Page - Analog Devices AD7091R Datasheet HTML 6Page - Analog Devices AD7091R Datasheet HTML 7Page - Analog Devices AD7091R Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CN-0335
Circuit Note
Rev. A | Page 2 of 8
CIRCUIT DESCRIPTION
The circuit consists of an input signal conditioning stage, an
ADC stage, and an output isolation stage. The ±10 V input
signal is level shifted and attenuated by the U1A op amp that is
one-half of the dual AD8606. The output of the op amp is 0.1 V
to 2.4 V, which matches the input range of the ADC (0 V to
2.5 V) with 100 mV headroom to maintain linearity. The
buffered voltage reference (VREF =2.5 V) from the ADC is used
to generate the required offset. Resistor values can be modified
to accommodate other popular input ranges as described later
in this circuit note.
The circuit design allows single supply operation. The minimum
output voltage specification of the AD8606 is 50 mV for a 2.7 V
power supply and 290 mV for 5 V power supply with 10 mA
load current, over the temperature range of −40°C to +125°C. A
minimum output voltage of 45 mV to 60 mV is a conservative
estimate for a 3.3 V power supply, a load current less than
1 mA, and a narrower temperature range.
Considering the tolerances of the parts, the minimum output
voltage (low limit of the range) is set to 100 mV to allow a safety
margin. The upper limit of the output range is set to 2.4 V in
order to give 100 mV headroom for the positive swing at the
ADC input. Therefore, the nominal output voltage range of the
input op amp is 0.1 V to 2.4 V.
The second half of the AD8606 (U1B) is used to buffer the
internal 2.5 V voltage reference of the AD7091R (U3) ADC.
The AD8606 is chosen for this application because of its low offset
voltage (65 μV maximum), low bias current (1 pA maximum)
and low noise (12 nV/√Hz maximum). Power dissipation is
only 9.2 mW on a 3.3 V supply.
A single-pole RC filter (R3/C9) follows the op amp output stage
to reduce the out-of-band noise. The cutoff frequency of the RC
filter is set to 664 kHz. An optional second order filter (R4, C10,
andR1,R2, C11) can be added to reduce the filter cutoff frequency
even further in case of low frequency industrial noise. In such
case, the sampling rate of the AD7091R can be reduced because
of the lower signal bandwidth.
The AD7091R 12-bit 1 MSPS SAR ADC is chosen because of its
ultralow power 349 μA at 3.3 V (1.2 mW) which is significantly
lower than any competitive ADC currently available in the market.
The AD7091R also contains an internal 2.5 V reference with
±4.5 ppm/oC typical drift. The input bandwidth is 7.5 MHz,
and the high speed serial interface is SPI compatible. The
AD7091R is available in a small footprint 10-lead MSOP.
The total power dissipation of the circuit (excluding the
ADuM5401 isolator) is approximately 10.4 mW when
operating on a 3.3 V supply.
Galvanic isolation is provided by the ADuM5401 (C-Grade)
quad channel digital isolator. In addition to the isolated output
data, the ADuM5401 also provides isolated 3.3 V for the circuit.
The ADuM5401 is not required for normal circuit operation
unless isolation is needed. The ADuM5401 quad-channel,
2.5 kV isolators with integrated dc-to-dc converter, is available
in a small 16-lead SOIC. Power dissipation of the ADuM5401
with a 7 MHz clock is approximately 140 mW.
The AD7091R requires a 50 MHz serial clock (SCLK) to achieve
a 1 MSPS sampling rate. However, the ADuM5401 (C-grade)
isolator has a maximum data rate of 25 Mbps that corresponds
to a maximum serial clock frequency of 12.5 MHz. In addition,
the SPI port requires that the trailing edge of the SCLK clock
the output data into the processor, therefore the total round-trip
propagation delay through the ADuM5401 (120 ns maximum)
limits the upper clock frequency to 1/120 ns = 8.3 MHz.
Even though the AD7091R is a 12-bit ADC, the serial data is
formatted into a 16-bit word to be compatible with the processor
serial port requirements. The sampling period, TS, therefore
consists of the AD7091R 650 ns conversion time plus 58 ns
(extra time required from data sheet, t1 delay + tQUIET delay) plus
16 clock cycles for the SPI interface data transfer.
TS = 650 ns + 58 ns + 16 × 120 ns = 2628 ns
fS = 1/TS = 1/2628 ns = 380 kSPS
In order to provide a safety margin, a maximum SCLK of
7 MHz and a maximum sampling rate of 300 kSPS is
recommended. The digital SPI interface can be connected to the
microprocessor evaluation board using the 12-pin Pmod-
compatible connector (Digilent Pmod Specifications).
Circuit Design
The circuit shown in Figure 2 attenuates and level shifts the −10 V
to +10 V input signal to the ADC input range of 0.1 V to 2.4 V.
OUTPUT
+0.1V TO +2.4V
R4
52.3kΩ
INPUT
–10V TO +10V
1
2
GND_ISO
R6
10kΩ
R5
12kΩ
R2
12kΩ
R1
52.3kΩ
GND_ISO
GND_ISO
GND_ISO
GND_ISO
U1A
1/2 AD8606
+3.3V
VREF
2.5V
Figure 2. Input Voltage Signal Conditioning Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com