Electronic Components Datasheet Search
  English  ▼

X  

ADG901 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG901
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 6 Page - Analog Devices

  ADG901 Datasheet HTML 1Page - Analog Devices ADG901 Datasheet HTML 2Page - Analog Devices ADG901 Datasheet HTML 3Page - Analog Devices ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 6 of 8
Figure 16. CN0518 Power Supply Architecture
SEPIC Converter
The LT8330 is a current-mode DC/DC converter capable of gener-
ating either positive or negative output voltages. It can be config-
ured as boost, SEPIC, or inverting converter consuming as low as
6 µA of quiescent current. Figure 17 shows the basic configuration
needed to set the LT8330 for a 5.6 V output.
Figure 17. LT8330 Configuration for a 5.6 V Output
The output voltage is programmed with resistor divider from the
output to the FBX pin of the LT8330. Equation 2 shows how to
calculate a desired output voltage with the user-defined resistor
values:
R1=R2  VOUT1.60−1
(2)
where:
VOUT is the desired output voltage in Volts.
R1, R2 are the user-defined resistor values.
For the required output voltage of 5.6 V, the equation results with
R1 = 590 kΩ and R2 = 232 kΩ.
Ultralow Noise Linear Regulator
The 5 V output from the ADM7150 is used to power the two
HMC376 LNAs. The ADM7150 is a low dropout linear regulator with
a typical noise of 1 µV rms from 100 Hz to 100 kHz for fixed output
voltage options and <1.7 nV/√Hz noise spectral density above 10
kHz.
The ADP150 is used to generate 3.3 V for powering the RF
detector and auto retry circuit. It is a high performance low dropout
linear regulator featuring an ultralow noise and ultra high PSSR
architecture for powering noise sensitive RF applications.
An ADM7170-2.5 LDO regulator is used to generate the supply
voltage required by the ADG901 RF switch. This device has an
input voltage range of 2.3 V to 6.5 V and a fixed output voltage
of 2.5 V. The ADM7170-2.5 only requires capacitors for proper
operation. Particularly, the ADM7170-2.5 is compatible to use small
decoupling capacitors of 4.7 µF on its input and output pins.
COMMON VARIATIONS
The ADL5523 can be used as an alternative low noise amplifier
for applications using the 915 MHz ISM band. This device offers a
slightly higher gain (S21) and a low noise figure at a cost of having
lower return losses (S11, S22), output third-order intercept, and 1
dB compression point.
The ADG902 can also be used as the RF switch, this device is
pin-compatible and shares the same specifications as the ADG901,
but it is a reflective switch and offers lower isolation loss.
Analog Devices, Inc. also offers a similar reference design for
receiver amplifiers operating in the 433.92 MHz, 2.4 GHz, and 5.8
GHz ISM bands. For more information, please refer to the CN0555,
CN0521, and CN0534 circuit notes.
If you are working in the 915 MHz ISM band and needs a transmit
signal chain solution, refer to the CN0522 reference design.
CIRCUIT EVALUATION AND TEST
This section describes the setup and procedure for the CN0518
circuit evaluation. For complete details, refer to the CN0518 User
Guide.
EQUIPMENT NEEDED
►
EVAL-CN0518-EBZ circuit evaluation board
►
Signal generator (Rohde & Schwarz® SMA100B)
►
Signal analyzer (Keysight® E5052B)
►
Vector network analyzer (Keysight N5242A PNA-X)
►
5 V, ≥0.5 A AC/DC power adapter with micro-USB cable
►
SMA cables
SETUP AND TEST
Figure 18 shows the functional block diagram for the S-Parameter
and noise figure test setup.
Figure 18. S-Parameter and Noise Figure Test Setup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com