Electronic Components Datasheet Search
  English  ▼

X  

ADG901 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG901
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 2 Page - Analog Devices

  ADG901 Datasheet HTML 1Page - Analog Devices ADG901 Datasheet HTML 2Page - Analog Devices ADG901 Datasheet HTML 3Page - Analog Devices ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 2 of 8
CIRCUIT DESCRIPTION
RF LOW NOISE AMPLIFIER
The CN0518 uses cascaded HMC376 low noise amplifiers for its
RF signal path, achieving an overall gain of approximately 25
dB. The HMC376 is a gallium arsenide (GaAs), pseudomorphic
high electron mobility transistor (pHEMT), high MMIC, low noise
amplifier that operates from 700 MHz to 1000 MHz.
Figure 2 shows the typical S-Parameter performance, with a typical
gain of 15 dB and return losses of more than 10 dB throughout
the entire frequency range. The HMC376 has a typical noise figure
of 0.7 dB, a 1 dB compression point (P1dB) of 21.5 dBm, and a
third-order intercept point (OIP3) of 36 dBm.
Figure 2. HMC376 Typical S-Parameters
Impedance Matching Network
The HMC376 RF input and output ports are internally matched for
a single-ended 50 Ω impedance. This internally matched topology
allows the HMC376 to be readily ported between any printed
circuit board material regardless of its dielectric constant, thickness,
or composition. The RFOUT also has an integrated DC-blocking
capacitor that eliminates the need for an external capacitor. The
only requirement needed is an inductor in parallel with the RF input
with respect to the ground.
Figure 3 shows the basic configuration and implementation of two
cascaded HMC376 amplifiers.
Figure 3. Basic Connections for Cascading HMC376 Amplifiers
RF SAW FILTER
The first stage amplifier output of the CN0518 is filtered by a
surface wave acoustic (SAW) filter, which eliminates unwanted
out-of-band amplification. When selecting a filter, a balance must
be struck between the band flatness and the out-of-band rejection.
SAW filters are also a source of insertion loss, which reduces the
overall gain of the signal chain and needs to be considered during
selection.
The filter used has a pass band of 902 MHz to 928 MHz, with a
return loss of 21 dB and an insertion loss of 1.9 dB at 915 MHz
center frequency.
RF DIRECTIONAL COUPLER
The CN0518 includes a multilayer RF directional coupler. This
device has an operating frequency of 698 MHz to 2.62 GHz with a
coupling factor of 25.5 at 915 MHz. It has an input and output port
impedance of 50 Ω and a typical insertion loss of 0.2 dB.
RF SWITCH
The ADG901 is a wideband RF switch that uses a CMOS process
to provide high isolation and low insertion loss. It is an absorptive
(matched) switch with 50 Ω terminated shunt legs. The switch
enables the user to pass DC signals up to 0.5 V without the use of
a DC-blocking capacitor.
The ADG901 operates at DC up to 4.5 GHz at -3 dB frequency. At
the 915 MHz center frequency, this device has a typical insertion
loss of approximately 1.8 dB at "ON state" as shown in Figure 4,
and a typical isolation loss of approximately 30 dB at "OFF state" as
shown in Figure 5.
Figure 4. ADG901 Insertion Loss Performance at ON State



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com