Electronic Components Datasheet Search
  English  ▼

X  

ADG901 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG901
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 3 Page - Analog Devices

  ADG901 Datasheet HTML 1Page - Analog Devices ADG901 Datasheet HTML 2Page - Analog Devices ADG901 Datasheet HTML 3Page - Analog Devices ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 3 of 8
Figure 5. ADG901 Isolation Loss Performance at OFF State
Combining the insertion loss from the filter, coupler, and the RF
switch results in a total insertion loss of approximately 3.9 dB at the
output of the RF switch in normal operating conditions.
RF PERFORMANCE
The resulting S-parameters, phase noise measurements, spurious-
free dynamic range (SFDR), noise figure, and stability measure of
the CN0518 are shown in the figures below.
At the center frequency of 915 MHz, the CN0518 achieves a gain
of 25 dB with input and output return losses of greater than 10 dB.
Figure 6 shows the S-Parameters across the operating frequency
range.
Figure 6. CN0518 S-Parameters vs. Frequency
Figure 7 shows the single sideband phase noise at 915 MHz, with
approximately -91 dBc/Hz, -125 dBc/Hz, -129 dBc/Hz, and -142
dBc/Hz at frequency offsets of 10 Hz, 1 kHz, 100 kHz, and 1 MHz
offset, respectively.
Figure 7. CN0518 Single Sideband Phase Noise at 915 MHz
Figure 8 shows the narrow-band single-tone RF output with an
SFDR of 76 dBFS.
Figure 8. CN0518 Narrow-Band Single Tone RF Output
Figure 9 shows the corresponding noise figure of approximately 0.8
dB over the entire frequency range.
Figure 9. CN0518 Noise Figure vs. Frequency
The system is stable across the entire 915 MHz ISM frequency
bandwidth with the Rollet's stability factor (k) being above 1 and the



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com