| Electronic Components Datasheet Search |
|
ADP7102 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP7102 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 9 page ![]() Circuit Note CN-0416 Rev. 0 | Page 7 of 9 GETTING STARTED A detailed user guide for the EVAL-CN0416-ARDZ is available on the Analog Devices Wiki. Consult this user guide for all aspects of hardware and software operation. Before powering all test setups, set the on-board switches in the EVAL-CN0416-ARDZ to the communication settings corresponding to the test setup. Direct Communications Test Setup and Functional Block Diagram Set the on-board switches of each EVAL-CN0416-ARDZ board to full duplex with termination. The user can opt to either use isolated or nonisolated communications. To set up the connection diagram shown in Figure 7, take the following steps: 1. Connect the two EVAL-CN0416-ARDZ boards to the two ADALM-UARTJTAG boards via the P11 jumper header. 2. Connect the two EVAL-CN0416-ARDZ boards together using a straight-through CAT5 cable. a. For isolated communications, connect P4 of one board to P5 of the other board or vice versa. Figure 7 shows the setup connections for isolated communications. b. For nonisolated communications, connect P6 of one board to P24 of the other, or vice versa. 3. Connect the two ADALM-UARTJTAG programming boards to the PC using the USB-to-microUSB cables. a. Be sure to identify the correct virtual COM ports used by the two ADALM-UARTJTAG boards. b. On the PC, connect to the first EVAL-CN0416-ARDZ via a serial terminal connection. Ensure that the baud rate and COM port are set properly. c. On the PC, connect to the second EVAL-CN0416- ARDZ via a second serial terminal connection. Ensure the baud rate and COM port are set properly. 4. The two serial terminals are now connected to each other via RS-485 communications. Any message sent by the one terminal is received by the other terminal. Messages between the two serial terminals can be sent and received simultaneously. Figure 7. Isolated Full-Duplex RS-485 Connection Diagram for Direct Communications P24 P6 P4 CAT5 CABLE ISOLATED COMMUNICATIONS P5 P11 EVAL-CN0416-ARDZ ADALM-UARTJTAG 10-PIN CONNECTION MICRO-USB TO USB CABLE USB USB PC USB P24 P6 P4 P5 P11 EVAL-CN0416-ARDZ 10-PIN CONNECTION ADALM-UARTJTAG MICRO-USB TO USB CABLE USB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |