Electronic Components Datasheet Search
  English  ▼

X  

ADP7102 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7102
Description  Robust, Configurable, Isolated and Nonisolated RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7102 Datasheet(HTML) 1 Page - Analog Devices

  ADP7102 Datasheet HTML 1Page - Analog Devices ADP7102 Datasheet HTML 2Page - Analog Devices ADP7102 Datasheet HTML 3Page - Analog Devices ADP7102 Datasheet HTML 4Page - Analog Devices ADP7102 Datasheet HTML 5Page - Analog Devices ADP7102 Datasheet HTML 6Page - Analog Devices ADP7102 Datasheet HTML 7Page - Analog Devices ADP7102 Datasheet HTML 8Page - Analog Devices ADP7102 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Circuit Note
CN-0416
Circuits from the Lab® reference designs are engineered
and testedfor quickandeasysystem integrationtohelpsolve
today’sanalog, mixed-signal, and RF design challenges.
For more informationand/or support, visit
www.analog.com/CN0416.
Devices Connected/Referenced
ADM2682E
16 Mbps, 5 kV rms Signal and Power
Isolated RS-485 Transceiver with ±15 kV
ESD Protection
LTC2865
±60 V Fault Protected 3 V to 5.5 V
RS-485/RS-422 Transceivers
ADP7102
3.3 V, 300 mA, Low Noise, CMOS LDO
Robust, Configurable, Isolated and Nonisolated RS-485 Transceiver
Rev. 0
Circuits from the Lab® reference designs from Analog Devices have been designed and built by
AnalogDevicesengineers. Standardengineeringpracticeshavebeenemployedinthe designand
constructionofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalab
environment at room temperature. However, you are solely responsible for testing the circuit and
determiningitssuitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshall
Analog Devices be liable for direct, indirect, special, incidental, consequential or punitive damages
duetoanycausewhatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlast
page)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2019 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0416 Circuit Evaluation Board (EVAL-CN0416-ARDZ)
Arduino Form Factor-Compatible Development Board
(EVAL-ADICUP3029)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The TIA/EIA-485-A, the most widely used transmission line
standard of the telecommunication industry, describes the
physical layer of the RS-485 interface and is normally used with
a higher level protocol, such as Profibus, Interbus, Modbus, or
BACnet. Applications include process control networks, industrial
automation, remote terminals, building automation (such as
heating, ventilation, air conditioning (HVAC)), security systems,
motor control, and motion control. The RS-485 interface allows
for robust data transmission over relatively long distances (up
to 1 km).
The circuit shown in Figure 1 is a universal RS-485 communi-
cation platform, implementing both isolated and nonisolated
RS-485 designs. The nonisolated circuit provides an extended
common-mode range of ±25 V, improving on the RS-485 speci-
fication of −7 V to +12 V and avoiding the need for isolation in
many applications, such as the case when all nodes are supplied
and referenced to the same power and ground lines.
The isolated interface, however, allows up to 500 V between the
controller ground and RS-485 signals for large scale systems
requiring robust communications between remote nodes, such
as building-to-building communications. Eliminating common-
mode effects in long haul networks requires nodes or repeaters
to be isolated from one another and the isolated transceiver,
certified in accordance with the UL1577, allows protection and
insulation for up to 5000 V between the controller ground and
RS-485 signals (1 minute, per UL1577).
The circuit is configurable to operate in full-duplex and half-
duplex operations, depending on the application. The
termination for each connection can be open or resistance
terminated, which allows customers to easily add or remove
nodes to the bus lines. Furthermore, the termination resistance
is configurable to support standard RS-485 cables or CAT5
Ethernet cables. Power to the device can be sourced from an
onboard supply or from the bus power lines.
The circuit can be used for point to point systems or multidrop
systems using the onboard address selector. Each circuit can be
set as a master device or slave device, depending on the
particular application and network in which it is used. The on-
board 10-pin connector, compatible with the ADALM-
UARTJTAG, allows the master to act as the gateway between a
host computer and the RS-485 bus via a USB virtual COM port.


Similar Part No. - ADP7102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7102 AD-ADP7102 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7102ACPZ-1.5-R7 AD-ADP7102ACPZ-1.5-R7 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7102ACPZ-1.8-R7 AD-ADP7102ACPZ-1.8-R7 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7102ACPZ-2.5-R7 AD-ADP7102ACPZ-2.5-R7 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7102ACPZ-3.0-R7 AD-ADP7102ACPZ-3.0-R7 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
More results

Similar Description - ADP7102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Texas Instruments
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com