| Electronic Components Datasheet Search |
|
ADP7102 Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP7102 Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 9 page ![]() CN-0416 Circuit Note Rev. 0 | Page 8 of 9 Multinode Network Test Setup and Functional Block Diagram Figure 8 shows a multinode network setup using both isolated and nonisolated RS-485 transceivers with two different slave nodes interfaced by the EVAL-ADICUP3029. Set up the on- board switches of each EVAL-CN0416-ARDZ board as indicated in Figure 8. Set the hexadecimal selection switch of each board to unique address values. To setup the network shown in Figure 8, take the following steps: 1. Connect the P11 10-pin connector of the master node to the ADALM-UARTJTAG. 2. Connect the EVAL-CN0416-ARDZ boards in the indicated ports (shown in Figure 8) using straight-through Ethernet cables. 3. Connect the ADALM-UARTJTAG to the PC using the USB-to-microUSB cable. 4. Identify the correct virtual COM port used by the ADALM-UARTJTAG. 5. Open the serial terminal software to connect to the serial port with the baud rate defined by the wiki user guide. 6. Select a slave node to communicate by sending its hexadecimal address (0 to 9 and A to F). 7. Any lowercase letters sent by the master are encrypted by the slave node using a Caesar cipher and sent back to the master, simultaneously. Figure 8. Combination of Isolated and Nonisolated Full-Duplex RS-485 Connection Diagram for Multinode Networks P24 S2 = NON-ISO S4 = FULL S5 = FULL S6 = OPEN S7 = OPEN GROUND A P6 P4 P5 P11 SLAVE NODE WITH OPEN TERMINATION END SLAVE NODE WITH TERMINATION P24 S2 = ISO S4 = FULL S5 = FULL S6 = OPEN S7 = OPEN GROUND A GROUND B STRAIGHT-THROUGH CAT5 CABLE STRAIGHT-THROUGH CAT5 CABLE P6 P4 P5 P11 P24 S2 = ISO S4 = FULL S5 = FULL S6 = TERM S7 = TERM GROUND A GROUND C P6 P4 P5 P11 MASTER NODE WITH TERMINATION ADALM-UARTJTAG USB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |