Electronic Components Datasheet Search
  English  ▼

X  

ADM7150 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7150
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 4 Page - Analog Devices

  ADM7150 Datasheet HTML 1Page - Analog Devices ADM7150 Datasheet HTML 2Page - Analog Devices ADM7150 Datasheet HTML 3Page - Analog Devices ADM7150 Datasheet HTML 4Page - Analog Devices ADM7150 Datasheet HTML 5Page - Analog Devices ADM7150 Datasheet HTML 6Page - Analog Devices ADM7150 Datasheet HTML 7Page - Analog Devices ADM7150 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 4 of 8
supplementary stability measure (B1) being above 0, as shown in
Figure 10. This makes the CN0518 unconditionally stable for any
source and load impedance combination.
Figure 10. CN0518 Stability Factor and Measure vs. Frequency
OVERPOWER PROTECTION
An overpower management feature is implemented in CN0518
wherein the RF path of the board is automatically isolated when
the output power reaches the preset threshold. This feature is
performed using an ADL5904 RF power detector.
The ADL5904 provides a resistor-programmable detection thresh-
old, which compares the voltage from an internal envelope detector
with a user-defined input voltage. When the voltage from the enve-
lope detector exceeds the user-defined threshold voltage at the
VIN- pin, an internal comparator captures and latches the event to
a set/reset (SR) flip-flop. Figure 11 shows the overpower protection
circuitry for the CN0518.
Figure 11. CN0518 Overpower Protection Circuit
As shown in Figure 11, the amplified RF input is sampled by a 25.5
dB RF directional coupler. This power is forwarded to the RFIN pin
of the ADL5904, which is then sampled by the internal envelope
detector. The ADL5904 threshold voltage level on VIN- pin is set
by a resistor divider network, which value can be computed using
Equation 1:
VIN−= 3.3×R2R2×R1 + R1×R2R1+R2 ×IBIAS
(1)
where:
VIN- is the voltage level at the VIN- pin of the ADL5904.
R1 is the user-defined resistance value.
R2 is the user-defined resistance value.
IBIAS is the input bias current.
The CN0518 was set at -25 dBm input threshold power, which is
equivalent to 0 dBm RF output to protect any sensitive downstream
equipment connected to the receiver system. Table 1 can be found
in the ADL5904 data sheet and shows the -25 dBm threshold power
corresponds to a VIN- voltage level of 17 mV when operating at 900
MHz.
Table 1. Recommended Typical Values for Threshold Voltage (VIN-) When
Operating Uncalibrated
Input Threshold Power
(dBm)
Threshold Voltage
(mV)
100 MHz
900 MHz
1900 MHz
-25
18
17
16
-24
20
18
17
-23
22
20
19
-22
24
22
21
-21
26
25
23
The threshold level on VIN- is set by a resistor divider. The value of
R1 is primarily chosen to minimize loading on the 3.3 V rail, and R2
is chosen for an output impedance that is insensitive to leakage and
bias currents. Setting R1 to 10 kΩ and using the power threshold
value of 17 mV, the R2 value is calculated using Equation 1:
VIN- = 17 mV
IBIAS = 20 µA
R1 = 10 kΩ
17 mV= 3.3×R2
10 kΩ×R2
+ 10 kΩ×R2
10 kΩ+R2
×20 μA
R2 = 48.8 Ω or 49.9 Ω (using standard resistor value)
Solving Equation 1 using the closest standard resistor value sets
the VIN- voltage level at 17 mV. This user-defined VIN- voltage
is then compared to the output voltage of the internal envelope
detector, which is driven by the RF input level. When the power
exceeds the threshold value, an overpowering event occurs which
opens or isolates the RF path. The series combination of R1 and R2
results in a negligible divider current of 328 μA.
The ADL5904 introduces an error level of up to +2.5 dBm on its RF
threshold power and can vary from device-to-device. If an accurate
threshold power is required, a simple calibration routine must be
performed to compensate for the device-to-device variation. Refer
to the ADL5904 data sheet for more information on the calibration
routine.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com