Electronic Components Datasheet Search
  English  ▼

X  

ADM7150 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM7150
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 5 Page - Analog Devices

  ADM7150 Datasheet HTML 1Page - Analog Devices ADM7150 Datasheet HTML 2Page - Analog Devices ADM7150 Datasheet HTML 3Page - Analog Devices ADM7150 Datasheet HTML 4Page - Analog Devices ADM7150 Datasheet HTML 5Page - Analog Devices ADM7150 Datasheet HTML 6Page - Analog Devices ADM7150 Datasheet HTML 7Page - Analog Devices ADM7150 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 5 of 8
Automatic Reset Feature
The CN0518 also includes an automatic reset circuitry that acti-
vates when the power level returns within the acceptable range.
This feature is done through the LTC6991, a programmable low
frequency timer.
As shown in Figure 12, the Q output of the ADL5904 holds the
LTC6991 in reset mode during normal operation. When an over-
powering event occurs, the LTC6991 is enabled and a 4 ms delay
begins. The ADL5904 resets after 4 ms, effectively resampling the
power level. If the overpowering condition persists, the ADL5904
trips again and the control signal of the RF switch enters the low
state. This shift in signal isolates the RF input and output of the
ADG901 switch. Once the overpower event subsides, the ADL5904
starts to resample the power level and then returns to its normal
operation.
Figure 12. CN0518 Automatic Reset Circuitry
Overpower Protection Test
Figure 13 presents the setup used to test the overpower protection
functionality of the CN0518. In this test, the RF signal generator
is set to 915 MHz center frequency and the power to the input is
ramped up from -25 dBm to -15 dBm. The CN0518 output power
is monitored using a high speed oscilloscope, which shows the
response time from the overpowering event to the output power
being attenuated.
Figure 13. RF Overpower Response Test Setup
Figure 14 shows the overpowering protection response time. Based
on the figure, the output of the CN0518 has a response time of
approximately 10 ns from its normal operation to the RF output
power being attenuated.
Figure 14. Typical Overpower Protection Response Time
Figure 15 shows the recovery time from when the overpowering
condition subsides, and the power level returns back to its accepta-
ble range. The data demonstrate a 5 ns delay from the attenuated
RF output to its normal operation.
Figure 15. Typical Recovery Time after an Overpower Event
USB POWER MANAGEMENT
The CN0518 sources its power through a micro-USB adapter,
which typically provides a 5 V, 1 A supply via the micro-USB port.
The nominal 4.75 V to 5.25 V input from the USB port is boosted
to 5.6 V, then post-regulated to 5.0 V, 3.3 V, and 2.5 V. The circuit
requires an overall current of approximately 260 mA from the USB
supply during normal operation.
Figure 16 shows the complete CN0518 power tree.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com