Electronic Components Datasheet Search
  English  ▼

X  

ADM7150 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7150
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 7 Page - Analog Devices

  ADM7150 Datasheet HTML 1Page - Analog Devices ADM7150 Datasheet HTML 2Page - Analog Devices ADM7150 Datasheet HTML 3Page - Analog Devices ADM7150 Datasheet HTML 4Page - Analog Devices ADM7150 Datasheet HTML 5Page - Analog Devices ADM7150 Datasheet HTML 6Page - Analog Devices ADM7150 Datasheet HTML 7Page - Analog Devices ADM7150 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Circuit Note
CN-0518
analog.com
Rev. 0 | 7 of 8
The procedure for measuring S-Parameters and the noise figure
are as follows:
1. Set the measurement conditions of the vector network analyzer
as follows:
a. Set the frequency span from 902 MHz to 928 MHz.
b. Set the frequency step size to 10 kHz.
c. The power level must be less than or equal to -30 dBm.
2. Perform a full 2-port calibration of the vector network analyzer
using a calibration kit. Note that the RF output of the EVAL-
CN0518-EBZ can be connected directly to a test port, so that
only one measurement cable is needed for the test setup.
3. Connect the EVAL-CN0518-EBZ across the test ports of the
vector network analyzer using the calibrated test setup.
4. Power up the EVAL-CN0518-EBZ using the 5 V power adapter.
5. Set the vector network analyzer to display the traces of the
individual S-Parameters and the noise figure.
6. Compare the measurements to the expected values. At 915
MHz center frequency, the values for input and output return
losses are approximately -20 dB and -12 dB, respectively. For
the gain and noise figure readings, values should be approxi-
mately 25 dB and 0.8 dB, respectively.
Figure 19 shows the functional block diagram for the phase noise
and SFDR test setup.
Figure 19. Phase Noise and SFDR Test Setup
To perform the phase noise and SFDR tests, follow the steps
below:
1. Set the measurement configuration of the signal analyzer as
follows:
a. For SFDR measurement, set the center frequency to 915
MHz, the frequency span to 902 MHz to 928 MHz, and the
RF amplitude to -30 dBm.
b. For phase noise measurement, set the center frequency to
915 MHz and the offset frequency range to 10 Hz to 30
MHz.
2. Set the power level of the signal generator between -30 dBm to
-20 dBm with a center frequency set at 915 MHz.
3. Connect the signal generator output to the RF input of the
EVAL-CN0518-EBZ.
4. Connect the RF output of the EVAL-CN0518-EBZ to the signal
analyzer.
5. Power up the EVAL-CN0518-EBZ using the 5 V power adapter.
6. Execute a measurement run on the signal analyzer.
7. Using the signal analyzer, get the phase noise value and verify
if it is approximately -129 dBc/Hz at 100 kHz offset.
8. Run the SFDR test and compare the readings; expected value
is approximately 76 dBFS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com