Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5072
Description  Fully Automatic High Performance Conductivity Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 2Page - Analog Devices ADP5072 Datasheet HTML 3Page - Analog Devices ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices ADP5072 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Circuit Note
CN-0359
analog.com
Rev. C | 6 of 10
The peak-to-peak cell voltage can be derived from the differential
outputs of the analog front end, as shown in Equation 9 and
Equation 10:
V1P‐P=VOUT1G1×α
(9)
V2P‐P=VOUT2G2×α
(10)
where:
G1 is the AD8253 gain setting in the cell voltage measurement
circuit.
G2 is the AD8253 gain setting in the cell current measurement
circuit.
α is the attenuation from the ADA4528-2 stage.
By combining Equation 8 and Equation 10, an expression can be
obtained for IP-P:
IP‐P=VOUT2G2×α×1Rf
(11)
Finally, by substituting Equation 9 and Equation 11 back into Equa-
tion 7, the general formula for conductance as a factor of the
differential ADC measurements can be written as:
Y=G1×VOUT2
G2×VOUT1
×1Rf
(12)
In this reference design, the ADA4627-1 feedback resistor has a
value of 1 kΩ resulting in Equation 13:
Y=G1×VOUT2
G2×VOUT1
×1 mS
(13)
From the cell conductance, the ADuCM360 can then calculate the
conductivity of the liquid based on the cell constant of the sensor as
shown in Equation 14:
YX=Y×K
(14)
where:
Yx is the conductivity of the liquid under test in S/cm.
Y is the measured cell conductance.
K is the cell constant in cm-1.
SYSTEM ACCURACY MEASUREMENTS
Equation 9 through Equation 13 are all based on the assumption
that the four individual ADA4528-2 op amps provide the same
attenuation value of 0.16; any deviation would introduce an error in
the final measurements. Since the attenuation of an ADA4528-2 op
amp is dependent on its feedback resistance and input resistance,
the resistors used for these should be matched as closely as
possible with their counterparts in each channel to maintain the
system accuracy.
Equation 13 also shows that the conductivity measurement de-
pends on G1, G2, and Rf, and the ratio of VOUT2 to VOUT1.
Therefore, a precision reference is not required for the ADCs within
the ADuCM360.
Additionally, the conductance calculation performed by the
ADuCM360 assumes an exact 1 kΩ value for the ADA4627-1
feedback resistance, as shown in Equation 13. The farther the
actual resistance is from this ideal value, the greater the error
introduced into the calculation; therefore, it is imperative that a high
precision resistor be used for the ADA4627-1 feedback.
Assuming that all nine resistors have 0.1% tolerance, and including
the 0.04% (max) gain error of the AD8253, a worst-case error
analysis yields approximately 0.6%.
In practice, the resistors are more likely to combine in an RSS
manner, and the RSS error due to the resistor tolerances in the
positive or negative signal chain is √5 × 0.1% = 0.22%.
Accuracy measurements were taken using precision resistors from
1 Ω to 1 MΩ (1 S to 1 μS) to simulate the conductivity cell. Figure 6
shows the results, and the maximum error is less than 0.1%.
Figure 6. System Error (%) vs. Conductivity of 1 μS to 1 S
In order to maintain accuracy over a wide input range with a
high signal-to-noise ratio, a given measurement must use a large
fraction of the ADC's input range without exceeding full-scale.
The CN0359's software implements a simple autoranging scheme,
adjusting the AD8253's gain to maintain the ADC's input between
10% and 90% of full-scale.
PREVENTING ELECTROLYSIS AND
POLARIZATION
For proper conductivity measurements, it is critical to prevent
electrolysis of the sample solution and polarization of the cell
electrodes. Electrolysis is a chemical reaction caused by applying
an excessively large voltage level to the conductivity cell, and
changes the conductivity of the sample solution over time. Polariza-
tion of the conductivity cell occurs when current is allowed to flow
across the electrodes in one direction for a sufficiently long time.
In this scenario, ions accumulate on the surfaces of the electrodes,
resulting in the formation of a space charge region, and thereby
restricting the flow of current. Both electrolysis and polarization



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com