Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5072
Description  Fully Automatic High Performance Conductivity Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 2Page - Analog Devices ADP5072 Datasheet HTML 3Page - Analog Devices ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices ADP5072 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Circuit Note
CN-0359
analog.com
Rev. C | 8 of 10
lead resistance error. The RTD resistance can be calculated using
Equation 16:
Rx=ADC8−ADC5
ADC7−ADC8
×1.5 kΩ
(16)
where:
Rx is the RTD resistance value.
ADC5 is the AIN5 input voltage in V.
ADC7 is the AIN7 input voltage in V.
ADC8 is the AIN8 input voltage in V.
Figure 9 shows the 2-wire RTD configuration where there is no
compensation for lead resistance. The RTD resistance for 2-wire
configuration can be calculated as Equation 17:
Rx=ADC8−ADC9
ADC7−ADC8
×1.5 kΩ ‐ 2 RP
(17)
where:
Rx is the RTD resistance value.
ADC7 is the AIN7 input voltage in V.
ADC8 is the AIN8 input voltage in V.
ADC9 is the AIN9 input voltage in V.
RP is the parasitic resistance value.
Figure 9. Configuration for 2-Wire RTD Connection
The 2-wire configuration is the lowest cost circuit and is suitable
for less critical applications, short RTD connections, and higher
resistance RTDs such as Pt1000.
POWER SUPPLY CIRCUITRY
To simplify system requirements, all the required voltages (±15 V
and +3.3 V) are generated from a single 4 V to 7 V supply, as
shown in Figure 10.
The ADP2300 buck regulator generates the 3.3 V supply for the
board. The design is based on the downloadable ADP230x Buck
Regulator Design Tool.
The ADP5072 switching regulator generates independently regulat-
ed +15 V and -15 V supply rails for the different amplifiers. This
design follows the typical application circuit shown in the ADP5072
data sheet, and uses the recommended component values for a
+3.3 V to ±15 V application.
Figure 10. Power Supply Circuitry
Figure 11 shows the LCD backlight driver circuit. The AD8592 op
amp acts as a 30 mA current source to supply the LCD backlight
current. The AD8592 can source and sink up to 250 mA, and the
100 nF capacitor ensures a soft startup.
Figure 11. LCD Backlight Drivers
COMMON VARIATIONS
The system shown in the CN0359 uses the ADuCM360 precision
analog microcontroller for a highly integrated conductivity measure-
ment. If the user desires a discrete ADC, the AD7794 24-bit, Σ-Δ
ADC is a good choice.
If board space is at a premium, the ADP2300 buck regulator can
be replaced with a μModule
® part such as the LTM8074. While a
more expensive solution compared to the ADP2300, the LTM8074
is a highly integrated device with the inductor already built into its
package and does not require a catch diode. It is also designed
with the low noise Silent Switcher® architecture, which allows for
minimal electromagnetic interference (EMI) during operation.
Certain conductivity measurement applications may have additional
requirements such as isolation or a small hardware footprint. As



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com