Electronic Components Datasheet Search
  English  ▼

X  

LTM4638 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4638
Description  20VIN PolyPhase Step-Down μModule Regulator, 4 × LTM4638, 60A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4638 Datasheet(HTML) 4 Page - Analog Devices

  LTM4638 Datasheet HTML 1Page - Analog Devices LTM4638 Datasheet HTML 2Page - Analog Devices LTM4638 Datasheet HTML 3Page - Analog Devices LTM4638 Datasheet HTML 4Page - Analog Devices LTM4638 Datasheet HTML 5Page - Analog Devices LTM4638 Datasheet HTML 6Page - Analog Devices LTM4638 Datasheet HTML 7Page - Analog Devices LTM4638 Datasheet HTML 8Page - Analog Devices LTM4638 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Evaluation Board User Guide
EVAL-LTM4638-AZ
analog.com
Rev. 0
4 of 12
Typical Performance Characteristics
(a) Efficiency
(b) Power Loss
Figure 4. Measured Supply at VOUT = 1V, fSW = 600kHz
VIN
(V)
VOUT
(V)
FREQ
(kHz)
LOAD
(A)
AIRFLOW
(LFM)
MAX CASE
TEMP (°C)
12
1
600
60
200
85
Figure 5. Measured Thermal Captures with 200LFM Forced Airflow
5VIN
12VIN
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
40
45
50
55
60
70
72
74
76
78
80
82
84
86
88
90
92
94
96
5VIN
12IN
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com