Electronic Components Datasheet Search
  English  ▼

X  

LTM4638 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4638
Description  20VIN PolyPhase Step-Down μModule Regulator, 4 × LTM4638, 60A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4638 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4638 Datasheet HTML 3Page - Analog Devices LTM4638 Datasheet HTML 4Page - Analog Devices LTM4638 Datasheet HTML 5Page - Analog Devices LTM4638 Datasheet HTML 6Page - Analog Devices LTM4638 Datasheet HTML 7Page - Analog Devices LTM4638 Datasheet HTML 8Page - Analog Devices LTM4638 Datasheet HTML 9Page - Analog Devices LTM4638 Datasheet HTML 10Page - Analog Devices LTM4638 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Evaluation Board User Guide
EVAL-LTM4638-AZ
analog.com
Rev. 0
7 of 12
ITEM QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
15
4
R13, R35,
R37, R54
RES. SMD 560Ω 1% 1/16W 0603
MULTICOMP (SPC),
MC0063W06031560R
16
5
R17, R19, R23,
R41, R43
RES. SMD 100kΩ 1% 1/4W 0603 AEC-Q200
ANTI-SURGE
PANASONIC, ERJ-PA3F1003V
17
1
R22
RES. SMD 90.9kΩ 0.1% 1/10W 0603
AEC-Q200 HIGH RELIABILITY
PANASONIC, ERA-3AEB9092V
18
4
R6, R7,
R28, R29
RES. SMD 100kΩ 1% 1/10W 0603 AEC-Q200
PANASONIC, ERJ-3EKF1003V
19
2
R46, R47
RES. SMD 10Ω 1% 1/10W 0603 AEC-Q200
PANASONIC, ERJ-3EKF10R0V
20
1
R48
RES. SMD 150kΩ 1% 1/10W 0603 AEC-Q200
PANASONIC, ERJ-3EKF1503V
21
1
R49
RES. SMD 10kΩ 1% 1/10W 0603 AEC-Q200
PANASONIC, ERJ-3EKF1002V
22
1
R50
RES. SMD 0.005Ω 1% 1W 2512 AEC-Q200
TT ELECTRONICS,
ULRB12512R005FLFSLT
23
1
R58
RES. SMD 66.5kΩ 1% 1/10W 0603
YAGEO, RC0603FR-0766K5L
24
1
R59
RES. SMD 83.5kΩ 0.1% 1/10W 0603
VISHAY, TNPW060383K5BEEA
25
4
U1-U4
IC-ADI 20VIN, 15A STEP-DOWN DC-TO-DC
µModule REGULATOR
ANALOG DEVICES, LTM4638EY#PBF
26
1
U5
IC-LIN 800mA SINGLE RESISTOR RUGGED
LINEAR REGULATOR
ANALOG DEVICES, LT3088EDD#PBF
27
1
U6
IC-ADI MULTIPHASE OSCILLATOR WITH
SPREAD SPECTRUM FREQUENCY
MODULATION
ANALOG DEVICES, LTC6902CMS#PBF
Additional Evaluation Board Circuit Components
1
0
C2, C23, C57,
C77, C78
CAP., OPTION, 0603
2
0
C45
CAP., OPTION, 2312
3
0
C46-C48
CAP., OPTION, 1206
4
0
C61, C62, C65,
C66, C70, C71,
C74, C75
CAP., OPTION, 0805
5
0
L1,L2
IND., OPTION, 1206
6
0
R1, R2, R3, R4,
R5, R11, R12,
R14, R15, R21,
R24-R27, R34,
R36, R38,
R55-R57, R62,
R63, R65, R67
RES., OPTION 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com