Electronic Components Datasheet Search
  English  ▼

X  

LTM4638 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4638
Description  20VIN PolyPhase Step-Down μModule Regulator, 4 × LTM4638, 60A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4638 Datasheet(HTML) 2 Page - Analog Devices

  LTM4638 Datasheet HTML 1Page - Analog Devices LTM4638 Datasheet HTML 2Page - Analog Devices LTM4638 Datasheet HTML 3Page - Analog Devices LTM4638 Datasheet HTML 4Page - Analog Devices LTM4638 Datasheet HTML 5Page - Analog Devices LTM4638 Datasheet HTML 6Page - Analog Devices LTM4638 Datasheet HTML 7Page - Analog Devices LTM4638 Datasheet HTML 8Page - Analog Devices LTM4638 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Evaluation Board User Guide
EVAL-LTM4638-AZ
analog.com
Rev. 0
2 of 12
Performance Summary
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage range
3.1
20
V
Output voltage, VOUT
R22 (RFB) = 90.9kΩ
0.98
1
1.02
V
Maximum continuous
output current
Derating is necessary for certain operating conditions
(Refer to the LTM4638 data sheet for more details).
60
A
Default operating frequency
RFREQ = open
600
kHz
Efficiency
VIN = 12V, VOUT = 1V, IOUT = 60A
86.2
%
Quick Start
Required Equipment
• A power supply
• An electronic load
• Two digital multimeters (DMMs)
Procedure
The EVAL-LTM4638-AZ evaluation board is an easy way to evaluate the performance of four parallel LTM4638 ICs. See
Figure 2 for test setup connections and use the following procedure.
1. With power off, place the P5 jumper in the ON position.
2. With the power off, connect the input voltage supply between TP2 and TP3. Connect an electronic load between
P4 and P3. Connect one DMM between TP1 and TP4 and the second DMM between TP14 and TP15, as shown in
Figure 2. Preset the load current to 0A.
3. Turn on the input power and adjust the voltage supply between 3.1V and 20V. Ensure the input voltage does not
exceed 20V. Check that the output voltage measures 1V ±2%.
4. Once the proper output voltage is established, adjust the load current in the 0A to 60A range and observe the load
regulation, efficiency, and other parameters. Measure the output voltage ripple across the output capacitor with a
Bayonet Neill–Concelman (BNC) cable and the oscilloscope from J3.
5. For optional load transient testing, an onboard transient circuit is provided to measure transient response. Place a
positive pulse signal (0V to 3V) between the IO_STEP_CLK (TP21) pin and the GND pin (TP22). The pulse amplitude
sets the load step current amplitude. Keep the pulse width short (<1ms) and the pulse duty cycle low (<1%) to limit
the thermal stress on the load transient circuit. Monitor the load step with a BNC connected to J2 (5mV/A).
NOTE: When measuring the output or input voltage ripple, do not use the long ground lead on the oscilloscope probe.
See Figure 3 for the proper scope probe technique. Short, stiff leads need to be soldered to the (+) and (−) terminals of
an output capacitor. The probe’s ground ring needs to touch the (−) lead, and the probe tip needs to touch the (+) lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com