Electronic Components Datasheet Search
  English  ▼

X  

3ATL6 Datasheet(PDF) 5 Page - MEC Marcom Electronic Components Ltd.

Part # 3ATL6
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ATL6 Datasheet(HTML) 5 Page - MEC Marcom Electronic Components Ltd.

  3ATL6 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 7Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 8Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Exisiting and New Part Nos. for Lead Free, RoHS compatible and Proces compatible mec products
MULTIMEC
Lead
RoHS
Proces
New Part No.
Lead
RoHS
Proces
Part No.
Part Name
Free
Comp.
Comp.
Comments
Free
Comp.
Comp.
UL
3ASH9
Switch Surface Ag/High Temp
N
N
Y
RA3ASH9
Y
Y
Y
V0
3AXXXG
All 3A Switches with Au
N
N
Y
RA3AXXXG
Y
Y
Y
V0
3AXXXQ
All 3A Quiet Switches
N
N
Y
RA3AXXXQ
Y
Y
Y
VO
3ASH9R
All 3A Switches delivered on Tape
N
N
Y
RA3ASH9R
Y
Y
Y
V0
3ATH9
Switch Th Ag/High Temp.
N
N
Y
RA3ATH9
Y
Y
Y
V0
3ATL6
Switch Th Ag/White But/Low Temp.
N
N
Y
RA3ATL6
Y
Y
Y
V0
3ATL6 w/LED
Switch Th Ag/Low Temp w/LED
N
N
Y
RA3ATL6 w/LED
Y
Y
Y
V0
3CSH9
Switch Surface Ag/High Temp.
N
N
Y
RA3CSH9
Y
Y
Y
V0
3CXXXG
All 3C Switches with Au
N
N
Y
RA3CXXXG
Y
Y
Y
V0
3CXXXQ
All 3C Quiet Switches
N
N
Y
RA3CXXXQ
Y
Y
Y
V0
3CSH9R
All 3C Switches delivered on Tape
N
N
Y
RA3CSH9R
Y
Y
Y
V0
3CTH9
Switch Th Ag/High Temp
N
N
Y
RA3CTH9
Y
Y
Y
V0
3CTL6
Switch Th/White But/Low Temp
N
N
Y
RA3CTL6
Y
Y
Y
V0
3CTL6-2SL
Switch Low Temp. 2 Straight Legs
N
N
Y
RA3CTL6-2SL
Y
Y
Y
V0
3CTL6RAS
Right Angle Switch Low Temp.
N
N
Y
RA3CTL6RAS
Y
Y
Y
V0
3CTL9
Switch Th Ag/Black But/Low Temp
N
N
Y
RA3CTL9
Y
Y
Y
V0
3ESH9
Switch Surface Ag High Temp.
N
N
Y
RA3ESH9
Y
Y
Y
V0
3ESH9-XX.X
Switch Ag/High Temp./w Actuator
N
N
Y
RA3ESH9-XX.X
Y
Y
Y
V0
3EXXXG
All 3E Switches with Au
N
N
Y
RA3EXXXG
Y
Y
Y
V0
3EXXXQ
All 3E Quiet Switches
N
N
Y
RA3EXXXQ
Y
Y
Y
V0
3ESH9R
All 3E Switches delivered on Tape
N
N
Y
RA3ESH9R
Y
Y
Y
V0
3ETH9
Switch Th Ag High Temp.
N
N
Y
RA3ETH9
Y
Y
Y
V0
041213
1/4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com