Electronic Components Datasheet Search
  English  ▼

X  

3ATL6 Datasheet(PDF) 7 Page - MEC Marcom Electronic Components Ltd.

Part # 3ATL6
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ATL6 Datasheet(HTML) 7 Page - MEC Marcom Electronic Components Ltd.

  3ATL6 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 7Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 8Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1KXX1
Lens Milky White For 1K Button
Y
Y
N
No change, pls see note 1
HB
1KXXX6
Reflector For 1K Button White
Y
Y
N
No change, pls see note 1
HB
1MXX
Dl Button Double Width all colours
Y
Y
N
No change, pls see note 1
HB
1NXX
Teardrop Buttons all colours
Y
Y
N
No change, pls see note 1
HB
1PXX
Gf Buttons all colours
Y
Y
N
No change, pls see note 1
HB
1QXXX
1P But. W/Square Hole, all colours
Y
Y
N
No change, pls see note 1
HB
1RXXX
1P Button w/Round Hole, all colours
Y
Y
N
No change, pls see note 1
HB
1S09-XX.X
Lk Button Black, all heights
Y
Y
Y
No change
V0
1S11-XX.X
Lk Button Transparent, all heights
Y
Y
N
No change, pls see note 2
V1
1TXX
Sq. Button, all colours
Y
Y
N
No change, pls see note 1
HB
1UXX
Round Button, all colours
Y
Y
N
No change, pls see note 1
HB
1VXX
Arrow Button, all colours
Y
Y
N
No change, pls see note 1
HB
1X XX
Rectangular Button, all colours
Y
Y
N
No change, pls see note 1
HB
1ZAXX
DL Button, all colours
Y
Y
N
No change, pls see note 1
HB
1ZBXX
Curved Button, all colours
Y
Y
N
No change, pls see note 1
HB
1ZCXX
Round Button, all colours
Y
Y
N
No change, pls see note 1
HB
3E-XX.X
Actuator f. 3E Switch, all heights
Y
Y
Y
No change
V0
3E-AXXXX
Varimec cap 5.2 Round, all heights
Y
Y
Y
No change
V0
3E-BXXXX
Varimec cap 5.2 Square, all heights
Y
Y
Y
No change
V0
3E-EXXXX
Varimec cap 7.8 Round, all heights
Y
Y
Y
No change
V0
3E-FXXXX
Varimec cap 7.8 Square, all heights
Y
Y
Y
No change
V0
3E-KXXXX
Varimec cap 11.6 Round, all heights
Y
Y
Y
No change
V0
3E-LXXXX
Varimec cap 11.6 Square, all heights
Y
Y
Y
No change
V0
AQB01XX
Sealing Boot (incl. Sea.ring)
Y
Y
Y
No change
AQB0111
Sealing Boot Trans. (incl. Sea.ring)
Y
Y
Y
No change
AQC09-XX.X
Cap Black, all overall heights
Y
Y
Y
No change
V0
AQC11-XX.X
Cap Trans. all overall heights
Y
Y
N
No change, pls see note 2
V1
041213
3/4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com