Electronic Components Datasheet Search
  English  ▼

X  

3ATL6 Datasheet(PDF) 1 Page - MEC Marcom Electronic Components Ltd.

Part # 3ATL6
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ATL6 Datasheet(HTML) 1 Page - MEC Marcom Electronic Components Ltd.

  3ATL6 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 7Page - MEC Marcom Electronic Components Ltd. 3ATL6 Datasheet HTML 8Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
Ordering example: 15551 + 1670009
HOW TO ORDER
Switch
15501 mom. silver
15551 alt. silver
15502 mom. gold
15552 alt. gold
15500 silent silver
15401 mom. silver
high temp.
15451 alt. silver
high temp.
Cap
00 blue
01 brown
02 green
03 grey
04 yellow
05 golden
06 white
07 orange
08 red
09 black
15
1
+
6300
Technical Data:
- 250mA/120V/9W AC/6W DC
- 2 pole
- momentary or alternate
- 8 contact functions
- temperature range:
low temp:
high temp:
- through-hole version
16300/16700/16800
Blanking Cap 00 blue
01 brown
02 green
03 grey
04 yellow
05 golden
06 white
07 orange
08 red
09 black
11 transparent
12 transparent green
14 transparent yellow
18 transparent red
16800
Switch
Cap
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
15
1
+
6700
12.6
12.3
12.6
6.0
12.6
9.4
14.7
13.2
14.9
10.2
14.9
13.85
R18
14.0
15.1
2.54
Ø = 0.9
2.54
Ø = 0.9
PCB layout
PCB layout
Dimensions 16800:
Dimensions 16300:
Dimensions 16700:
Blanking Cap
to be used with
VARIO SUPPORT
30 ultra blue
40 dusty blue
42 aqua blue
32 mint green
33 tele grey
34 melon
38 noble red
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
-40/+75ºC
-40/+160ºC
26


Similar Part No. - 3ATL6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3ATL6 ETC2-3ATL6 Datasheet
102Kb / 5P
Through-hole or SMD
logo
APEM Components, Inc.
3ATL6 MULTIMEC-3ATL6 Datasheet
148Kb / 7P
basic switch modules
3ATL6 MULTIMEC-3ATL6 Datasheet
191Kb / 8P
basic switch modules
3ATL6 MULTIMEC-3ATL6 Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
MEC Marcom Electronic C...
3ATL6 MEC-3ATL6 Datasheet
403Kb / 2P
Navimec™
More results

Similar Description - 3ATL6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
3ETL9-10.4 ETC2-3ETL9-10.4 Datasheet
251Kb / 2P
basic switch modules
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
IDEC Corporation
15401 IDEC-15401 Datasheet
298Kb / 3P
basic switch modules
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com