Electronic Components Datasheet Search
  English  ▼

X  

28611 Datasheet(PDF) 9 Page - Wiha Tools

Part # 28611
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28611 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 28611 Datasheet HTML 5Page - Wiha Tools 28611 Datasheet HTML 6Page - Wiha Tools 28611 Datasheet HTML 7Page - Wiha Tools 28611 Datasheet HTML 8Page - Wiha Tools 28611 Datasheet HTML 9Page - Wiha Tools 28611 Datasheet HTML 10Page - Wiha Tools 28611 Datasheet HTML 11Page - Wiha Tools 28611 Datasheet HTML 12Page - Wiha Tools 28611 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
SYSTEM 4 Slotted Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm mm
Inch
lbs.
75008
0.8
28
1.1
.01
75012
1.2
28
1.1
.01
75015
1.5
28
1.1
.01
75018
1.8
28
1.1
.01
75020
2.0
28
1.1
.01
75025
2.5
28
1.1
.01
75030
3.0
28
1.1
.01
75035
3.5
28
1.1
.01
75040
4.0
28
1.1
.01
750
SYSTEM 4 Phillips Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Size mm
Inch lbs.
75105
000
28
1.1
.01
75110
00
28
1.1
.01
75115
0
28
1.1
.01
75120
1
28
1.1
.01
751
SYSTEM 4 Hex Metric Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm mm
Inch
lbs.
75307
0.7
28
1.1
.01
75309
0.9
28
1.1
.01
75313
1.3
28
1.1
.01
75315
1.5
28
1.1
.01
75320
2.0
28
1.1
.01
75325
2.5
28
1.1
.01
75330
3.0
28
1.1
.01
75340
4.0
28
1.1
.01
753
SYSTEM 4 Hex Inch Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Inch
mm
Inch lbs.
75307
.028
28
1.1
.01
75309
.035
28
1.1
.01
75313
.050
28
1.1
.01
75350
1/16
28
1.1
.01
75352
5/64
28
1.1
.01
75354
3/32
28
1.1
.01
75356
7/64
28
1.1
.01
75358
1/8
28
1.1
.01
75360
9/64
28
1.1
.01
75340
5/32
28
1.1
.01
753
SYSTEM 4 Security
Bits High
alloy CVM steel, hardened, on 4 mm stock.
Item
No.
Size
mm
Inch
lbs.
75735
T10s
28
1.1
.01
75742
T20s
28
1.1
.01
757
SYSTEM 4 Metric Security Hex Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm
mm
Inch
lbs.
75322
2.0
28
1.1
.01
75327
2.5
28
1.1
.01
75332
3.0
28
1.1
.01
75342
4.0
28
1.1
.01
753
SYSTEM 4 Security Hex Inch Bits
Item
No.
Inch
mm Inch
lbs.
75362
5/64
28
1.1
.01
75364
3/32
28
1.1
.01
75366
7/64
28
1.1
.01
75368
1/8
28
1.1
.01
75370
9/64
28
1.1
.01
75372
5/32
28
1.1
.01
753
SYSTEM 4
Bits High alloy
CVM steel, hardened, on 4 mm stock.
Item
No.
Size
mm Inch
lbs.
75701
T1
28
1.1
.01
75702
T2
28
1.1
.01
75703
T3
28
1.1
.01
75704
T4
28
1.1
.01
75705
T5
28
1.1
.01
75706
T6
28
1.1
.01
75707
T7
28
1.1
.01
75708
T8
28
1.1
.01
75709
T9
28
1.1
.01
75710
T10
28
1.1
.01
75715
T15
28
1.1
.01
75720
T20
28
1.1
.01
757
Wiha SYSTEM 4 Micro Bits
1/4” Drive Micro Bit Tool Adapters
Micro Bit To 1/4” Drive Insert Bit
Adapter uses magnets to hold
4mm Micro Bits
Item
No.
Size
mm
mm
lbs.
75802
4.0
25
4.0
.01
75802
Long Micro Bit To 1/4” Drive
Insert Bit Adapter
uses spring clip non-magnetic to hold
4mm Micro Bits
Item
No.
Size
mm
mm
lbs.
75803
4.0
38
4.0
.02
75803
SYSTEM 4 Metric & Inch Nut Setters
CVM steel, hardened, on 4 mm hex stock.
Item No.
Metric
mm
mm
Inch
lbs.
75820
2.0
30
1.2
.01
75821
2.5
30
1.2
.01
75822
3.0
30
1.2
.01
75823
3.5
30
1.2
.01
75824
4.0
30
1.2
.01
75825
4.5
30
1.2
.01
75826
5.0
30
1.2
.01
75827
5.5
30
1.2
.01
Inch
Inch
mm
Inch
lbs.
75810
5/64
30
1.2
.01
75811
3/32
30
1.2
.01
75812
7/64
30
1.2
.01
75813
1/8
30
1.2
.01
75814
9/64
30
1.2
.01
75815
5/32
30
1.2
.01
75816
3/16
30
1.2
.01
75817
7/32
30
1.2
.01
753
SYSTEM 4 Pentalobe Bits High alloy
CVM steel, hardened, on 4 mm stock.
Item
No.
Size
mm Inch
lbs.
75743
PL1
28
1.1
.01
75744
PL2
28
1.1
.01
75745
PL3
28
1.1
.01
75746
PL4
28
1.1
.01
75747
PL5
28
1.1
.01
75748
PL6
28
1.1
.01
757
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com