Electronic Components Datasheet Search
  English  ▼

X  

28611 Datasheet(PDF) 16 Page - Wiha Tools

Part # 28611
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28611 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 28611 Datasheet HTML 12Page - Wiha Tools 28611 Datasheet HTML 13Page - Wiha Tools 28611 Datasheet HTML 14Page - Wiha Tools 28611 Datasheet HTML 15Page - Wiha Tools 28611 Datasheet HTML 16Page - Wiha Tools 28611 Datasheet HTML 17Page - Wiha Tools 28611 Datasheet HTML 18Page - Wiha Tools 28611 Datasheet HTML 19Page - Wiha Tools 28611 Datasheet HTML 20Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
T5
TORX
.4 Nm
3.5 in.lbs
T6
TORX
.6 Nm
5.31 in.lbs
T7
TORX
.9 Nm
7.9 in.lbs
T8
TORX
1.3 Nm
11.5 in.lbs
T9
TORX
2.5 Nm
22.1 in.lbs
T10
TORX
3.8 Nm
33.6 in.lbs
T15
TORX
5.5 Nm
48.7 in.lbs
T20
TORX
8.0 Nm
70.8 in.lbs
T25
TORX
8.0 Nm
70.8 in.lbs
IP5
TORX Plus
.5 Nm
4.4 in.lbs
IP6
TORX Plus
.8 Nm
7.0 in.lbs
IP7
TORX Plus
1.3 Nm
11.5 in.lbs
IP8
TORX Plus
2.0 Nm
17.7 in.lbs
IP9
TORX Plus
3.0 Nm
26.5 in.lbs
IP10
TORX Plus
4.5 Nm
39.8 in.lbs
IP15
TORX Plus
6.6 Nm
58.4 in.lbs
IP20
TORX Plus
8.0 Nm
70.8 in.lbs
IP25
TORX Plus
8.0 Nm
70.8 in.lbs
1.5
Slotted
.15 Nm
1.3 in.lbs
2.0
Slotted
.4 Nm
3.5 in.lbs
2.5
Slotted
.4 Nm
3.5 in.lbs
3.0
Slotted
.6 Nm
5.31 in.lbs
3.5
Slotted
1.1 Nm
9.7 in.lbs
4.0
Slotted
2.5 Nm
22.1 in.lbs
#000
Phillips
.4 Nm
3.5 in.lbs
#00
Phillips
.4 Nm
3.5 in.lbs
#0
Phillips
.9 Nm
7.9 in.lbs
#1
Phillips
3.8 Nm
33.6 in.lbs
#2
Phillips
5.5 Nm
48.6 in.lbs
1.5
Hex Metric
.9 Nm
7.9 in.lbs
2.0
Hex Metric
1.8 Nm
15.9 in.lbs
2.5
Hex Metric
3.8 Nm
33.6 in.lbs
3.0
Hex Metric
5.5 Nm
48.6 in.lbs
4.0
Hex Metric
8.0 Nm
70.8 in.lbs
.050
Hex Inch
.4 Nm
3.5 in.lbs
1/16
Hex Inch
.9 Nm
7.9 in.lbs
5/64
Hex Inch
1.8 Nm
15.9 in.lbs
3/32
Hex Inch
1.8 Nm
15.9 in.lbs
7/64
Hex Inch
3.8 Nm
33.6 in.lbs
1/8
Hex Inch
5.5 Nm
48.6 in.lbs
9/64
Hex Inch
8.0 Nm
70.8 in.lbs
5/32
Hex Inch
8.0 Nm
70.8 in.lbs
Maximum Torque
Maximum Recommended Torque For Wiha Torque Blades
Tip Size
Style
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com