Electronic Components Datasheet Search
  English  ▼

X  

28611 Datasheet(PDF) 4 Page - Wiha Tools

Part # 28611
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28611 Datasheet(HTML) 4 Page - Wiha Tools

  28611 Datasheet HTML 1Page - Wiha Tools 28611 Datasheet HTML 2Page - Wiha Tools 28611 Datasheet HTML 3Page - Wiha Tools 28611 Datasheet HTML 4Page - Wiha Tools 28611 Datasheet HTML 5Page - Wiha Tools 28611 Datasheet HTML 6Page - Wiha Tools 28611 Datasheet HTML 7Page - Wiha Tools 28611 Datasheet HTML 8Page - Wiha Tools 28611 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Wiha TorqueFix Wing Keys Handles & Blades
TorqueFix Wing Handles
Audible & perceptible click when torque setting
has been attained.
Item
No.
Nm mm Inch pkg. lbs.
28349
0.5
68
2.7
1
.28
28351
0.6
68
2.7
1
.28
28352
0.9
68
2.7
1
.28
28353
1.1
68
2.7
1
.28
28354
1.2
68
2.7
1
.28
28355
1.4
68
2.7
1
.28
28356
2.0
68
2.7
1
.28
28357
2.5
68
2.7
1
.28
28358
3.0
68
2.7
1
.28
28359
3.8
68
2.7
1
.28
28360
4.0
68
2.7
1
.28
EN ISO 6798,
BS EN 26789, ASME
B107.14M
+/- 6% Accuracy
283
Includes Calibration
Certificate
Hex Metric Blades For TorqueFix
Wing Handles CVM steel, through-hardened,
titanium silver.
Item
Max
No.
Size Nm Inch mm lbs.
28361
1.5
0.9
3.0
75
.03
28362
2.0
1.8
3.0
75
.03
28363
2.5
3.8
3.0
75
.03
28364
3.0
5.5
3.0
75
.03
28365
4.0
8.0
3.0
75
.03
283
Blades For TorqueFix
Wing Handles CVM steel, through-hardened,
titanium silver.
Item
Max
No.
Size
Nm
Inch pkg. lbs.
28382
IP6
0.8
3.0
1
.03
28383
IP7
1.3
3.0
1
.03
28384
IP8
2.0
3.0
1
.03
28385
IP9
3.0
3.0
1
.03
28386
IP10 4.5
3.0
1
.03
28387
IP15 6.6
3.0
1
.03
28388
IP20 8.0
3.0
1
.03
28389
IP25 8.0
3.0
1
.03
Blades For TorqueFix
Wing Handles CVM steel, through-hardened,
titanium silver.
Item
Max
No.
Size
Nm
Inch pkg. lbs.
28374
T6
0.6
3.0
1
.03
28375
T7
0.9
3.0
1
.03
28376
T8
1.3
3.0
1
.03
28377
T9
2.5
3.0
1
.03
28378
T10
3.8
3.0
1
.03
28379
T15
5.5
3.0
1
.03
28380
T20
8.0
3.0
1
.03
28381
T25
8.0
3.0
1
.03
283
283
• Audible Click At Torque
• Replaceable Blades
• +/- 6% Repeatability
• Extremely Compact
• Quick Turning Zone
Very slim blade diameter for
hard to reach screws
Small &
Compact
Loosening
torque approx.
+30% greater
than tightening
torque
Torque tool for very tight
machine assembly spaces
3.9” OAL w/Blade
Low profile
for easy access
Toll Free: (800) 494-6104
pkg.
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com