Electronic Components Datasheet Search
  English  ▼

X  

30289 Datasheet(PDF) 25 Page - Wiha Tools

Part # 30289
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30289 Datasheet(HTML) 25 Page - Wiha Tools

Back Button 30289 Datasheet HTML 21Page - Wiha Tools 30289 Datasheet HTML 22Page - Wiha Tools 30289 Datasheet HTML 23Page - Wiha Tools 30289 Datasheet HTML 24Page - Wiha Tools 30289 Datasheet HTML 25Page - Wiha Tools 30289 Datasheet HTML 26Page - Wiha Tools 30289 Datasheet HTML 27Page - Wiha Tools 30289 Datasheet HTML 28Page - Wiha Tools 30289 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
www.wihatools.com
8 Piece Precision Slotted &
Phillips Screwdrivers & Industrial Long
Nose Pliers Set
Item No. Slotted: 1.5 x 40mm
26190
2.0, 2.5 x 50mm, 3.0 x 60mm
Phillips: 00 x 40mm
lbs. .72
0 x 50mm, 1 x 60mm
Industrial Long Nose Pliers
6.3”/160mm OAL
26190
Wiha Precision Slotted/Phillips Drivers
Phillips Screwdriver, With Precision
Handle Blade high alloy chrome-vanadium-
molybdenum steel.
Pkg. 10
Item
No.
Size mm Inch mm Inch mm Inch
26102 000 40
1.6 2.0 .08 120 4.7
26100 00
40
1.6 2.0 .08 120 4.7
26101 00
75
3.0 2.0 .08 155 6.1
26105 0
50
2.0 3.0 .12 145 5.7
26108 0
75
3.0 3.0 .12 170 6.7
26107 0
100 3.9 3.0 .12 195 7.6
26109 0
150 5.9 3.0 .12 245 9.6
26110 1
60
2.4 4.0 .16 170 6.7
26113 1
80
3.1 4.0 .16 190 7.5
26114 1
100 3.9 4.0 .16 210 8.2
26115 1
150 5.9 4.0 .16 260 10.2
*Metric dimensions actual - Inch dimensions approximate
261
8 Pc. Precision Slotted/Phillips Set
Item No.
26199
Slotted: 1.0, 2.0 x 40mm,
lbs.
3.0 x 50mm, 4.0 x 60mm
.55
Phillips: 000, 00 x 40mm,
0 x 50mm, 1 x 60mm
26199
In canvas
storage
pouch
Slotted Screwdriver, With Precision
Handle Blade high alloy chrome-vanadium-
molybdenum steel.
Pkg. 10
Item
No.
mm Inch mm Inch mm mm Inch
26008 .80 1/32 40 1.6
0.16 120 4.7
26010 1.0 .039 40 1.6
0.18 120 4.7
26012 1.2 3/64 40 1.6
0.20 120 4.7
26015 1.5 1/16 40 1.6
0.25 120 4.7
26018 1.8 .070 40 1.6
0.30 120 4.7
26020 2.0 5/64 40 1.6
0.40 120 4.7
26022 2.0 5/64 50 2.0
0.40 145 5.7
26023 2.0 5/64 100 3.9
0.40 180 7.1
26025 2.5 3/32 50 2.0
0.40 145 5.7
26027 2.5 3/32 100 3.9
0.40 195 7.7
26028 2.5 3/32 150 6.0
0.40 245 9.6
26030 3.0 1/8
50 2.0
0.50 145 5.7
26032 3.0 1/8
60 2.4
0.50 170 6.7
26033 3.0 1/8
100 3.9
0.50 210 8.3
26034 3.0 1/8
150 5.9
0.50 260 10.2
26035 3.5 9/64 60 2.4
0.60 170 6.7
26040 4.0 5/32 60 2.4
0.80 170 6.7
26041 4.0 5/32 100 3.9
0.80 210 8.3
26042 4.0 5/32 150 5.9
0.80 260 10.2
*Metric dimensions actual - Inch dimensions approximate
260
Rotating cap
for precise turning and
control with fingertip
Precision handle
high quality plastic,
cadmium free
Molded on
tapered handle
allows rapid rotation
High performance
blades
CVM steel,
Hard chrome finished
Tip
precision ground for exact fit,
hard chromed non-slip surface
6 Piece Precision Slotted Set
Blade high alloy chrome-vanadium-
molybdenum steel. Hard chrome finished.
Item No.
26090
Slotted:
lbs.
1.5, 2.0 x 40mm
.27
2.5, 3.0 x 50mm
3.5, 4.0 x 60mm
26090
8 Piece Precision Slotted Set
Blade high alloy CVM steel. Hard chrome
finished. In canvas storage pouch.
Item
Slotted:
No.
1.0, 1.2, 1.5, 2.0 x 40mm
lbs.
26099
2.5, 3.0 x 50mm, 3.5, 4.0 x 60mm
.54
26099
Pocket Clip for Precision
Screwdrivers Tool clips turn Precision
Screwdrivers into Pocket Screwdrivers.
Item No.
Fits all
lbs.
pkg.
26001
Precision handles .01
1
26001
26000 Plastic Precision Tool Rack
Rack holds 6 precision screwdrivers, can be
set on workbench. Also has holes for hanging.
Made from high quality plastic.
Item No. Rack for 6
lbs.
26000
Precision screwdrivers
.08
Precision Chip Lifter
Blade CVM steel, hardened, chrome-plated.
Precision handle high quality plastic, impact
resistant. Standard handle
Item
No.
mm mm mm mm Inch
26810
1
3.5 50
145 5.7
*Metric dimensions actual - Inch dimensions approximate
26810
Wiha Precision Chip Lifter
& Accessories
7 Pc. Precision Slotted
& Phillips Set
Item No. Slotted: 1.5 x 40mm
26197
2.0, 2.5 x 50mm, 3.0 x 60mm
Phillips: 00 x 40mm
lbs. .31
0 x 50mm, 1 x 60mm
26190.MC/26197
lbs. Pkg.
.07
1
Pkg.
1
lbs.
.02
.02
.02
.02
.02
.02
.02
.03
.03
.03
.04
.03
.04
.04
.05
.05
.05
.06
.07
lbs.
.02
.02
.02
.02
.03
.05
.06
.05
.05
.06
.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com