Electronic Components Datasheet Search
  English  ▼

X  

30289 Datasheet(PDF) 29 Page - Wiha Tools

Part # 30289
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30289 Datasheet(HTML) 29 Page - Wiha Tools

Back Button 30289 Datasheet HTML 25Page - Wiha Tools 30289 Datasheet HTML 26Page - Wiha Tools 30289 Datasheet HTML 27Page - Wiha Tools 30289 Datasheet HTML 28Page - Wiha Tools 30289 Datasheet HTML 29Page - Wiha Tools 30289 Datasheet HTML 30Page - Wiha Tools 30289 Datasheet HTML 31Page - Wiha Tools 30289 Datasheet HTML 32Page - Wiha Tools 30289 Datasheet HTML 33Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
www.wihatools.com
260
Slotted Precision Screwdriver,
With PicoFinish Handle Blade CVM steel,
hardened, hard chromed.
Item
No.
mm Inch mm Inch mm
Inch
26050
0.8 .03
40
1.6
134
5.3
26051
1.0 .04
40
1.6
134
5.3
26052
1.2 .05
40
1.6
134
5.3
26053
1.5 .06
40
1.6
134
5.3
26055
1.8 .07
40
1.6
134
5.3
26056
1.8 .07
60
2.4
154
6.1
26060
2.0 .08
40
1.6
140
5.5
26061
2.0 .08
60
2.4
160
6.3
26065
2.5 .09
50
2.0
150
5.9
26066
2.5 .09
75
3.0
175
6.9
26068
2.5 .09
100 3.9
200
7.9
26070
3.0 .13
50
2.0
150
5.9
26072
3.0 .13
100 3.9
200
7.9
26073
3.0 .13
150 5.9
250
9.8
26074
3.5 .14
60
2.4
160
6.3
26076
4.0 .16
60
2.4
160
6.3
26079
4.0 .16
100 3.9
200
7.9
26080
4.0 .16
150 5.9
250
9.8
*Metric dimensions actual - Inch dimensions approximate
Ergonomic
multi-component
handle with rotating
cap for maximum
user comfort and
precise control
Wiha Soft Grip PicoFinish Precision Screwdrivers
Phillips Precision Screwdriver, With
Soft PicoFinish Precision Handle Blade high
alloy CVM steel. Hard chrome finished.
Item
No.
Size mm Inch mm Inch mm Inch
26130
000 40
1.6
2.0 .08 134 5.3
26132
00
40
1.6
2.0 .08 134 5.3
26135
0
50
2.0
3.0 .12 150 5.9
26136
0
75
3.0
3.0 .12 175 6.9
26140
1
60
2.4
4.0 .16 160 6.3
26142
1
80
3.1
4.0 .16 180 7.1
26145
1
150 5.9
4.0 .16 250 9.8
*Metric dimensions actual - Inch dimensions approximate
261
8 Pc. Slotted & Phillips Precision
Driver Set, With Soft PicoFinish Handle
Blade high alloy CVM steel, hardened, hard
chromed. ChromTop finish on tip for a perfect
fit. In storage pouch
Item
Slotted:
No.
1.0, 1.5, 2.0 x 40mm
lbs.
26193
2.5 x 50mm, 3.5 x 60mm
.55
Phillips: 00 x 40mm
0 x 50mm, 1 x 60mm
26193
8 Pc. Slotted Precision
Screwdriver Set, With Soft PicoFinish
Handle In storage pouch
Item
No.
Slotted: .8, 1.2, 1.5, 2.0 x 40mm lbs.
26093 2.5, 3.0 x 50mm, 3.5, 4.0 x 60mm .54
26093
MagicSpring Screw Holding
Screwdriver, With Wiha-Precision Soft
PicoFinish Handle Blade high alloy CVM
steel, hardened, hard chromed. Molded on
ergonomic Wiha-PicoFinish precision handle,
molded on, soft grips.
Item
No.
Size mm Inch mm Inch lbs.
26721
T6
40
1.6
140 5.5
.03
26723
T7
40
1.6
140 5.5
.03
26725
T8
40
1.6
140 5.5
.03
26727
T9
50
2.0
150 5.9
.04
26731
T15 60
2.4
160 6.3
.04
*Metric dimensions actual - Inch dimensions approximate
267
6 Pc. MagicSpring Screw Holding
Screwdriver Set, With Wiha-
Precision Soft PicoFinish Handle
Blade high alloy CVM steel, hardened,
hard chromed. Molded on ergonomic Wiha-
PicoFinish precision handle, molded on,
soft grips. In storage pouch
Item
No.
MagicSpring
:
lbs.
26798
T6, T7, T8 x 40mm
.50
T9, T10, T15 x 50mm
26798
The Comfortable Precision Screwdriver
Soft Grip Handle
CVM tool steel
blade, hardened,
hard chrome finish
Ergonomic multi-
component handle
with rotating cap for
maximum user comfort
and precise control
Sets In Roll-Up Pouch
In
storage
pouch
Pkg.
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Pkg.
10
10
10
10
10
10
10
Pkg.
10
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com