Electronic Components Datasheet Search
  English  ▼

X  

30289 Datasheet(PDF) 35 Page - Wiha Tools

Part # 30289
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30289 Datasheet(HTML) 35 Page - Wiha Tools

Back Button 30289 Datasheet HTML 31Page - Wiha Tools 30289 Datasheet HTML 32Page - Wiha Tools 30289 Datasheet HTML 33Page - Wiha Tools 30289 Datasheet HTML 34Page - Wiha Tools 30289 Datasheet HTML 35Page - Wiha Tools 30289 Datasheet HTML 36Page - Wiha Tools 30289 Datasheet HTML 37Page - Wiha Tools 30289 Datasheet HTML 38Page - Wiha Tools 30289 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
www.wihatools.com
All blades are made of Wiha’s exclusive formula chrome-vanadium-
molybdenum tool steel, super hardened plated for unmatched durability
Handle is molded
directly onto the
blade for a
permanent bond
Wiha Nut Drivers are precision
formed to exact tolerances for a
perfect fit every time
Wiha SoftFinish® Handle: Featuring advanced
technology dual material molding. A remarkable
improvement in handle design, comfort and
performance. The SoftFinish® ergonomic
shape allows maximum torque
and user comfort.
Wiha SoftFinish® Handle - Ergonomic Cushion Grip
Nut Driver, With Wiha-SoftFinish® Handle Metric sizes
Item
No.
mm
mm
Inch
mm
Inch
mm
Inch
lbs. pkg.
34120
5.0
125
5.0
238
9.4
30
1.18
.14
10
34121
5.5
125
5.0
238
9.4
30
1.18
.14
10
34122
6.0
125
5.0
238
9.4
30
1.18
.15
10
34123
7.0
125
5.0
238
9.4
36
1.42
.25
10
34124
8.0
125
5.0
238
9.4
36
1.42
.25
10
34126
10.0
125
5.0
238
9.4
36
1.42
.27
10
34127
11.0
125
5.0
247
9.7
41
1.61
.37
10
34128
12.0
125
5.0
247
9.7
41
1.61
.40
10
34129
13.0
125
5.0
247
9.7
41
1.61
.40
10
34130
14.0
125
5.0
247
9.7
41
1.61
.40
10
34131
15.0
125
5.0
247
9.7
41
1.61
.40
10
34132
16.0
125
5.0
249
9.8
41
1.61
.42
10
34133
17.0
125
5.0
249
9.8
41
1.61
.42
10
Nut Driver, With Wiha-SoftFinish® Handle Inch sizes. Blade CVM steel, hardened.
Deep drawn 1” socket. Solid shafts. Wiha-SoftFinish® handle, multi-component, cushion grips.
Item
No.
Inch
Inch
mm
mm
Inch
Inch
mm
lbs.
pkg.
34134
9/64
5.0
125
238
9.4
1.18
30
.18
10
34135
5/32
5.0
125
238
9.4
1.18
30
.24
10
34136
3/16
5.0
125
238
9.4
1.18
30
.25
10
34137
7/32
5.0
125
238
9.4
1.18
30
.26
10
34138
1/4
5.0
125
246
9.7
1.42
36
.38
10
34139
5/16
5.0
125
246
9.7
1.42
36
.40
10
34140
11/32
5.0
125
246
9.7
1.42
36
.40
10
34141
3/8
5.0
125
246
9.7
1.42
36
.40
10
34142
7/16
5.0
125
246
9.7
1.61
41
.40
10
34143
1/2
5.0
125
246
9.7
1.61
41
.40
10
34144
9/16
5.0
125
246
9.7
1.61
41
.40
10
34145
5/8
5.0
125
246
9.7
1.61
41
.40
10
341
341
7 Pcs. Nut Driver Set Inch sizes.
Blade CVM steel, hardened.
Deep drawn 1” socket.
Item
No.
Inch
Inch
Inch
Inch lbs.
34193
3/16
5.0
3/8
5.0
1.89
1/4
5.0
7/16
5.0
5/16
5.0
1/2
5.0
11/32 5.0
7 Piece Nut Driver Set Metric sizes
Item
No.
mm mm
mm
mm
lbs.
34194
5.0
125
8.0
125
1.93
5.5
125
10.0 125
6.0
125
13.0 125
7.0
125
34193
34194
10 Piece Nut Driver Set Inch sizes
Item
No.
Inch
Inch
Inch
Inch
lbs.
34195
3/16
5.0
3/8
5.0
3.12
7/32
5.0
7/16
5.0
1/4
5.0
1/2
5.0
5/16
5.0
9/16
5.0
11/32 5.0
5/8
5.0
34195
Magnetic Nut Driver, With Wiha-SoftFinish® Handle
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
34152
5.5
125
5.0
238
9.4
.14
10
34154
5.5
250
9.8
361
14.2
.21
10
34158
7.0
125
5.0
238
9.4
.15
10
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com