Electronic Components Datasheet Search
  English  ▼

X  

20131 Datasheet(PDF) 9 Page - Wiha Tools

Part # 20131
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20131 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 20131 Datasheet HTML 5Page - Wiha Tools 20131 Datasheet HTML 6Page - Wiha Tools 20131 Datasheet HTML 7Page - Wiha Tools 20131 Datasheet HTML 8Page - Wiha Tools 20131 Datasheet HTML 9Page - Wiha Tools 20131 Datasheet HTML 10Page - Wiha Tools 20131 Datasheet HTML 11Page - Wiha Tools 20131 Datasheet HTML 12Page - Wiha Tools 20131 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
Wiha Insulated Hex L-keys
Insulation Test Standards:
Insulation according to ASTM,
F-1505-01, EN/IEC 60900
and CSA
Inch Insulated Hex L-keys, With Insulated Handle
Insulation According to IEC 60900 Specification, Up To 1000 Volt.
Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/16
79
3.1
.05
1
5/64
84
3.3
.05
1
3/32
89
3.5
.05
1
7/64
94
3.7
.06
1
1/8
104
4.1
.06
1
5/32
104
4.1
.06
1
3/16
134
5.3
.10
1
7/32
134
5.3
.12
1
1/4
134
5.3
.16
1
5/16
144
5.7
.24
1
3/8
234
9.2
.51
1
1/2
234
9.2
.77
1
1000Volt
Metric Insulated Hex L-keys, With Insulated Handle
Insulation According to IEC 60900 Specification, Up To 1000 Volt.
Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
1.5
100
3.9
.09
1
2.0
105
4.1
.09
1
2.5
115
4.5
.09
1
3
130
5.1
.10
1
4
120
4.7
.10
1
5
140
5.5
.10
1
6
140
5.5
.13
1
8
150
5.9
.24
1
10
220
8.7
.51
1
12
260
10.2
.77
1
1000Volt
8 Piece Insulated Inch Hex L-key Set
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
1/8
4.1
1/4
5.3
2.17
5/32
4.1
5/16
5.7
3/16
5.3
3/8
9.2
7/32
5.3
1/2
9.2
1000Volt
7 Piece Insulated Metric Hex L-key Set
Item
OAL
OAL
No.
mm
mm
mm
mm
lbs.
3.0
130
8.0
150
2.07
4.0
120
10.0
220
5.0
140
12.0
260
6.0
140
1000Volt
Each tool individually
tested to 10,000 volts
and certified to 1000
Volt ac or 1500 Volt dc
1000V
Insulation
Applied directly
onto blade for
permanent
bonding
13690
13691
10 Piece Insulated Metric Hex L-key Set
Item
OAL
OAL
No.
mm
mm
mm
mm
lbs.
1.5
100
5.0
140
2.26
2.0
105
6.0
140
2.5
115
8.0
150
3.0
130
10.0
220
4.0
120
12.0
260
1000Volt
1000Volt
12 Piece Insulated Inch Hex L-key Set
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
1/16
3.1
3/16
5.3
2.40
5/64
3.3
7/32
5.3
3/32
3.5
1/4
5.3
7/64
3.7
5/16
5.7
1/8
4.1
3/8
9.2
5/32
4.1
1/2
9.2
1000Volt
1000Volt
13670
13671
13672
13673
13663
13665
13666
13667
13668
13669
13662
13664
136
13650
13651
13652
13653
13654
13655
13656
13658
13659
13657
136
13690
13690
13691
13691
#
#
13693
13693
13694
13694
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com