Electronic Components Datasheet Search
  English  ▼

X  

20131 Datasheet(PDF) 7 Page - Wiha Tools

Part # 20131
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20131 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 20131 Datasheet HTML 3Page - Wiha Tools 20131 Datasheet HTML 4Page - Wiha Tools 20131 Datasheet HTML 5Page - Wiha Tools 20131 Datasheet HTML 6Page - Wiha Tools 20131 Datasheet HTML 7Page - Wiha Tools 20131 Datasheet HTML 8Page - Wiha Tools 20131 Datasheet HTML 9Page - Wiha Tools 20131 Datasheet HTML 10Page - Wiha Tools 20131 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Steel Forged from
chrome vanadium,
meets - DIN 3110
Insulation Test Standards:
Insulation according to ASTM F-1505-01,
EN/IEC 60900, ISO 3110 and CSA
Specification
Each tool
individually
tested to 10,000
volts & certified
to 1000 Volt ac
or 1500 Volt dc
1000V
8 Piece Metric Insulated Offset Ring Wrenches Set
Item No.
Metric:
10.0, 11.0, 12.0, 13.0, 14.0, 15.0,
lbs.
17.0, 19.0mm
3.20
7
Wiha Insulated Deep Offset Ring Wrenches
Insulated Metric Offset Ring Wrenches, Insulation
According to EN/IEC 60900, ISO 3110 Specification, Up To 1000
Volt. Individually Tested. Blade Chrome-Vanadium steel, hardened.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
8.0
159
6.3
.16
1
9.0
159
6.3
.18
1
10.0
171
6.8
.20
1
11.0
178
7.0
.22
1
12.0
191
7.5
.30
1
13.0
194
7.6
.30
1
14.0
203
8.0
.34
1
15.0
203
8.0
.34
1
17.0
219
8.6
.44
1
19.0
241
9.5
.52
1
20.0
250
9.8
.58
1
22.0
257
10.1
.64
1
24.0
279
11.0
.90
1
27.0
286
11.3
.96
1
30.0
311
12.3
1.28
1
32.0
318
12.5
1.38
1
1000Volt
1000Volt
15 Piece Metric Insulated Offset Ring Wrenches Set
Item No.
Metric:
8.0, 9.0, 10.0, 11.0, 12.0, 13.0, 14.0, 15.0, 17.0,
lbs. 8.70
19.0, 22.0, 24.0, 27.0, 30.0, 32.0mm
Insulated Inch Offset Ring Wrenches
Item
No.
Inch
lbs.
pkg.
1/4
.16
1
5/16
.18
1
3/8
.20
1
7/16
.22
1
1/2
.30
1
9/16
.30
1
5/8
.34
1
11/16
.34
1
3/4
.44
1
25/32
.58
1
13/16
.52
1
7/8
.64
1
15/16
.90
1
1.0
.96
1
1-1/16
1.28
1
1-1/4
1.38
1
1000Volt
1000Volt
15 Piece Inch Insulated Offset Ring Wrenches Set
Item No.
Inch:
1/4, 5/16, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4,
lbs. 8.70
13/16, 7/8, 15/16, 1, 1-1/16, 1-1/4”
8 Piece Inch Insulated Offset Ring Wrenches Set
Item No.
Inch:
5/16, 3/8, 7/16, 1/2, 9/16,
lbs.
5/8, 11/16, 3/4”
3.20
21095
21095
210
21008
21009
21010
21011
21012
21013
21014
21015
21017
21019
21020
21022
21024
21027
21030
21032
21093
21093
21040
21042
21044
21046
21048
21050
21052
21054
21056
21057
21058
21060
21062
21064
21066
21068
210
21094
21094
21096
21096
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com