Electronic Components Datasheet Search
  English  ▼

X  

20131 Datasheet(PDF) 31 Page - Wiha Tools

Part # 20131
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20131 Datasheet(HTML) 31 Page - Wiha Tools

Back Button 20131 Datasheet HTML 27Page - Wiha Tools 20131 Datasheet HTML 28Page - Wiha Tools 20131 Datasheet HTML 29Page - Wiha Tools 20131 Datasheet HTML 30Page - Wiha Tools 20131 Datasheet HTML 31Page - Wiha Tools 20131 Datasheet HTML 32Page - Wiha Tools 20131 Datasheet HTML 33Page - Wiha Tools 20131 Datasheet HTML 34Page - Wiha Tools 20131 Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
Wiha 1000Volt Insulated Tool Sets - Comfort Grip Handles
Item#
Set Includes:
lbs. 12.85
6.3” Long Nose Pliers
6.3” Side Cutters
8.0” Long Nose Pliers
8.0” High Leverage Cutters
7.0” Linemans Pliers
6.3” Stripping Pliers
9.0” Combination Pliers
6.3” Round Nose Pliers
Slotted: 2.0, 2.5, 3.0, 3.5, 4.5, 5.5, 6.5, 8.0, 10.0mm
Phillips: #0, #1, #2, #3
Inch Nut Driver: 5/32, 3/16, 7/32, 1/4, 5/16, 3/8, 7/16, 1/2, 9/16”
31 Pc. Pliers & Screwdriver Set. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. Pliers drop-forged from special
tool steel, individually high frequency induction hardened, chrome/nickel
plated, mirror-polished. Set includes 6ft. Fiber glass folding ruler.
1000Volt
31 Pc.
Set
Item#
Set Includes:
lbs. 11.92
8.0” Long Nose
6.3” Stripping Pliers
9.0” Combination Pliers
Inch & Metric Folding Ruler
8.0” High Leverage Cutters
8.5” Insulated Knife
Slotted: 3.0, 4.5, 6.0mm
Phillips: #1, #2
Square: #1, #2
Terminal Block Driver: #1, #2
Inch Nut Driver: 1/4, 5/16, 11/32, 3/8, 7/16, 1/2”
Metric Nut Driver: 7.0, 8.0, 10.0, 13.0mm
25 Pc. Pliers & Screwdriver Set. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested.
Pliers drop-forged from special tool steel, individually high frequency
induction hardened, chrome/nickel plated, mirror-polished. In tool box.
1000Volt
25 Pc.
Set
48 Piece Insulated Tool Set. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. Pliers drop-forged from special
tool steel, individually high frequency induction hardened, chrome/nickel
plated, mirror-polished. Cushion Grip Insulated handles. Canvas tool bag.
1000Volt
48 Pc. BIG SET
13 Piece Pliers & Screwdriver Set. In canvas tool bag
Item#
Set Includes:
lbs. 6.60
8.0” Long Nose
9.0” Combo Pliers/Crimpers
8.0” High Leverage Cutters
50mm Cable Stripping Knife
Insulated Slotted: 3.0mm
Insulated Phillips: #1
Insulated Slotted: 4.5mm
Insulated Phillips: #2
Insulated Slotted: 6.0mm
Insulated Square: #1
Insulated Slt/Ph Terminal: #1
Insulated Square: #2
Insulated Slt/Ph Terminal: #2
Item#
Set Includes:
lbs. 19.4
6.3” Long Nose Pliers
6.3” Side Cutters
8.0” Long Nose Pliers
8.0” High Leverage Cutters
6.3” Combination Pliers
6.3” Stripping Pliers
9.0” Combo Pliers/Crimpers
8.0” Adjustable Wrench
Slotted: 2.0, 2.5, 3.0, 3.5, 4.0, 4.5, 5.5, 6.0, 6.5, 8.0mm
Phillips: #0, 1, 2, 3 Square: #1, 2 Slt/Ph Terminal: #1, 2
TORX: T8, T9, T10, T15, T20, T25, T27, T30
Hex Inch: 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Nut Driver Inch: 7/32, 1/4, 5/16, 3/8, 7/16, 1/2”
Insulated Cable Knife & 2 Meter In/MM
1000Volt
13 Pc.
Set
32874
32874
32879
32879
32896
32896
32878
32878
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com