Electronic Components Datasheet Search
  English  ▼

X  

00655 Datasheet(PDF) 2 Page - Wiha Tools

Part # 00655
Description  Wiha SYSTEM 6.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00655 Datasheet(HTML) 2 Page - Wiha Tools

  00655 Datasheet HTML 1Page - Wiha Tools 00655 Datasheet HTML 2Page - Wiha Tools 00655 Datasheet HTML 3Page - Wiha Tools 00655 Datasheet HTML 4Page - Wiha Tools 00655 Datasheet HTML 5Page - Wiha Tools 00655 Datasheet HTML 6Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
53
SYSTEM 6 Handles.
284
SYSTEM 6 SoftFinish®-telescopic Handle.
Ergonomic Multi-component Handle with Roll-off Protection.
Handle:
With 6 mm hex retainer for all SYSTEM 6 reversible blades and adapters.
Enables adjustable blade length from 42 - 114 mm.
Click-stop ball clamp guarantees a secure hold and rapid blade exchange.
Application:
Versatile for general applications in the workshop and factory.
Order-No.
30372 3
6.0
115
36
1
9.60
SB 284
SYSTEM 6 SoftFinish®-telescopic Handle.
Blister Packed.
Order-No.
30404 1
6.0
122
36
1
10.45
281ESD
SYSTEM 6 SoftFinish® ESD Handle.
Dissipative Handle, ESD-safe.
Handle:
Ergonomic multi-component handle with roll-off protection.
Made of static dissipative material, surface resistance 1 mOhm - 1 gOhm.
Use in combination with SYSTEM 6 reversible blades.
Standards:
DIN EN 61340-5-1/ 61340-5-2.
Application:
For working on electrostatically sensitive components.
Order-No.
27624 9
6.0
122
36
5
8.10
SYSTEM 6 Handles.
481 M01
SYSTEM 6 Magnetic Handle.
With Integrated Magnetising/Demagnetising Zone.
Handle:
With built-in magnetiser/ demagnetiser.
With hex bolster for additional torque.
Use in combination with SYSTEM 6 reversible blades.
Application:
For magnetising/ demagnetising SYSTEM 6 reversible blades.
Order-No.
27625 6
6.0
110
33
5
8.90
282
SYSTEM 6 Topra Ratchet.
For all SYSTEM 6 Reversible Blades and 1/4" Bits.
Handle:
With anti-clockwise rotation, clockwise rotation and locked position.
Application:
For best user comfort and high torque transfer.
Order-No.
03767 3
6.0
100
85
5
19.20
NEW
NEW
Safety Notice:
Wiha ESD screwdrivers are non-insulated,
therefore not suitable for working on live parts.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com