Electronic Components Datasheet Search
  English  ▼

X  

00655 Datasheet(PDF) 4 Page - Wiha Tools

Part # 00655
Description  Wiha SYSTEM 6.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00655 Datasheet(HTML) 4 Page - Wiha Tools

  00655 Datasheet HTML 1Page - Wiha Tools 00655 Datasheet HTML 2Page - Wiha Tools 00655 Datasheet HTML 3Page - Wiha Tools 00655 Datasheet HTML 4Page - Wiha Tools 00655 Datasheet HTML 5Page - Wiha Tools 00655 Datasheet HTML 6Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
55
SYSTEM 6 Bit Holder, Adapter.
7802
SYSTEM 6 Bit Holder.
Suitable for C 6.3 and E 6.3 (1/4") Bits.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
Bit retainer made of stainless steel with integrated permanent magnet.
Order-No.
03882 3
1/4
164
6.0
5
10.00
7803
SYSTEM 6 Adapter Blade.
Suitable for 1/4" Square Nuts.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
1/4" square drive with ball retainer.
Order-No.
03883 0
1/4
164
6.0
5
8.90
U109 00
SYSTEM 6 Extension Blade.
Suitable for Blades.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
Extends all SYSTEM 6 reversible blades up to 100 mm.
Order-No.
08921 4
6.0
6.0
166
5
7.20
SYSTEM 6 Starter Sets.
281 T6
SYSTEM 6 Reversible Blades Set, 6 pcs.
Slotted/ Phillips/ Hex/ Ballpoint Hex.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Handle:
SYSTEM 6 SoftFinish®-telescopic Handle.
For adjustable blade lengths from 42-114 mm.
Application:
Especially for dry and general applications.
Extra:
In durable canvas storage pouch.
Order-No.
Series
27715 4
281 T6
1
30.60
284
SYSTEM 6 SoftFinish®-telescopic handle
284
3.5 - 4.5
4.0 - 6.0
5.5 - 6.5
284
PH1 - PH2
284
5 - 5
281ESD T6
SYSTEM 6 Reversible Blades Set, 6 pcs.
Slotted/ Phillips/ Hex/ Ballpoint Hex.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Handle:
SYSTEM 6 SoftFinish® ESD Handle.
Made of static dissipative material, surface resistance 1 mOhm - 1 gOhm.
Extra:
In durable canvas storage pouch.
Order-No.
Series
27716 1
281ESD T6
1
29.90
281ESD
SYSTEM 6 SoftFinish® ESD handle
284
3.5 - 4.5
4.0 - 6.0
5.5 - 6.5
284
PH1 - PH2
284
5 - 5
ESD-Safe
Did you already know?
TORX® Tamper Resistant
screwdrivers can also be used for
TORX® screws, but not vice versa.
Wiha Info
Suitable for every use:
the blades can be quickly combined,
extended and interchanged.
7803
284
7802
7803
284
7802
U109 00
NEW
Telescopic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com