Electronic Components Datasheet Search
  English  ▼

X  

00655 Datasheet(PDF) 3 Page - Wiha Tools

Part # 00655
Description  Wiha SYSTEM 6.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00655 Datasheet(HTML) 3 Page - Wiha Tools

  00655 Datasheet HTML 1Page - Wiha Tools 00655 Datasheet HTML 2Page - Wiha Tools 00655 Datasheet HTML 3Page - Wiha Tools 00655 Datasheet HTML 4Page - Wiha Tools 00655 Datasheet HTML 5Page - Wiha Tools 00655 Datasheet HTML 6Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
54
Wiha SYSTEM 6.
A Real Multi-tasker.
SYSTEM 6 Reversible Blades.
284
SYSTEM 6 Slotted Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
27627 0
3.5
4.5
0.6
0.8
150
6.0
5
4.35
00629 7
4.0
6.0
0.8
1.0
150
6.0
5
4.35
00630 3
5.5
6.5
1.0
1.2
150
6.0
5
4.35
284
SYSTEM 6 Combined Slotted-Phillips Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
00665 5
4.0
PH1
0.8
150
6.0
5
4.35
00666 2
6.0
PH2
1.0
150
6.0
5
4.35
00667 9
6.5
PH3
1.2
150
6.0
5
4.35
284
SYSTEM 6 Phillips Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
00631 0
PH1
PH2
150
6.0
5
4.35
27628 7
PH2
PH3
150
6.0
5
4.35
284
SYSTEM 6 Pozidriv Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
00632 7
PZ1
PZ2
150
6.0
5
4.35
27629 4
PZ2
PZ3
150
6.0
5
4.35
284
SYSTEM 6 Combined Ballpoint Hex-Hex Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Extra:
The ballpoint enables the user to work at angles up to 25°.
Order-No.
00635 8
2.5
2.5
150
6.0
5
4.35
00636 5
33
150
6.0
5
4.35
00637 2
44
150
6.0
5
4.35
00638 9
55
150
6.0
5
4.35
00639 6
66
150
6.0
5
4.35
SYSTEM 6 Reversible Blades.
284
SYSTEM 6 TORX® Reversible Blade.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
00654 9
T6
T8
150
6.0
5
4.80
00655 6
T7
T9
150
6.0
5
4.80
00656 3
T10
T15
150
6.0
5
4.80
00657 0
T20
T25
150
6.0
5
4.80
00658 7
T30
T40
150
6.0
5
4.80
284
SYSTEM 6 TORX® Tamper Resistant Reversible Blade.
For TORX® Screws with Locking Pin.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
With borehole in the blade tip.
Order-No.
27630 0
T6H
T8H
150
6.0
5
5.20
27631 7
T7H
T9H
150
6.0
5
5.20
27632 4
T10H
T15H
150
6.0
5
5.20
27633 1
T20H
T25H
150
6.0
5
5.20
27634 8
T30H
T40H
150
6.0
5
5.20
284
SYSTEM 6 Tri-Wing® Reversible Blade.
For Tri-Wing® Security Screws.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
27637 9
TW0
TW1
150
6.0
5
5.20
27638 6
TW2
TW3
150
6.0
5
5.20
27639 3
TW4
TW5
150
6.0
5
5.20
284
SYSTEM 6 Torq-Set® Reversible Blade.
For Torq-Set® Security Screws.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Order-No.
27635 5
TS2
TS4
150
6.0
5
5.20
27636 2
TS6
TS8
150
6.0
5
5.20
25º



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com