Electronic Components Datasheet Search
  English  ▼

X  

01658 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01658
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01658 Datasheet(HTML) 1 Page - Wiha Tools

  01658 Datasheet HTML 1Page - Wiha Tools 01658 Datasheet HTML 2Page - Wiha Tools 01658 Datasheet HTML 3Page - Wiha Tools 01658 Datasheet HTML 4Page - Wiha Tools 01658 Datasheet HTML 5Page - Wiha Tools 01658 Datasheet HTML 6Page - Wiha Tools 01658 Datasheet HTML 7Page - Wiha Tools 01658 Datasheet HTML 8Page - Wiha Tools 01658 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
2831 09 020
LiftUp VDE Magazine Bit holder with 6 slimBits.
Doubled safety: slimBits and magazine are individually VDE-GS tested.
Blade:
Chrome-vanadium steel, through-hardened.
Insulation moulded directly onto blade.
Handle:
Wiha SoftFinish® electric multi-component handle with roll-off protection.
Internal magazine accommodates 6 common slimBits.
Upon opening the magazine holder fans out enabling easy removal of slimBits.
Turnable cap for comfortable handling.
Bit holder:
Insulated metal ClicFix bit holder locks all slimBits reliability.
Easily turnable guide sleeve provides support when fastening.
Suitable for 6 mm slimBits only.
Application:
Compact magazine screwdriver for electrical applications, especially for mobile
applications.
Attention:
Not for use with bit styles C 6.3 and E 6.3.
Ord.No.
38610
5
Ord.No. Quantity
34578
1
2,5
75
0,4
6,0
0,4
34579
1
3,0
75
0,5
6,0
0,6
34580
1
4,0
75
0,8
6,0
2,5
34581
1
5,5
75
1,0
6,0
5,5
34583
1
75
6,0
3,8
PH1
34584
1
75
6,0
5,5
PH2
All prices are quoted net/pc.
Page 1 of 40


Similar Part No. - 01658

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
01658 WIHA-01658 Datasheet
194Kb / 4P
Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
logo
Weidmuller
0165860000 WEIDMULLER-0165860000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01658

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
IL-AG5-C1-5000 JAE-IL-AG5-C1-5000 Datasheet
111Kb / 1P
MAGAZINE ASSEMBLY
IL-Z-C3-A-15000 JAE-IL-Z-C3-A-15000 Datasheet
110Kb / 1P
MAGAZINE ASSEMBLY
LY10-C1-1-10000 JAE-LY10-C1-1-10000 Datasheet
146Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-PC1-5000 JAE-IL-AG5-PC1-5000 Datasheet
96Kb / 1P
MAGAZINE ASSEMBLY
IL-Z-C1-A-7000 JAE-IL-Z-C1-A-7000 Datasheet
122Kb / 1P
MAGAZINE ASSEMBLY
FI-C3-A1-15000 JAE-FI-C3-A1-15000 Datasheet
119Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-C1-1E-5000 JAE-IL-AG5-C1-1E-5000 Datasheet
123Kb / 1P
MAGAZINE ASSEMBLY
FI-RC3-1B-1E-15000 JAE-FI-RC3-1B-1E-15000 Datasheet
122Kb / 1P
MAGAZINE ASSEMBLY
logo
PHOENIX CONTACT
UNIFOX-PE-VDE-DB PHOENIX-UNIFOX-PE-VDE-DB Datasheet
54Kb / 2P
Individually tested safety tools according to DIN EN 60900 (VDE 0682??01)
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com