Electronic Components Datasheet Search
  English  ▼

X  

01658 Datasheet(PDF) 11 Page - Wiha Tools

Part # 01658
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01658 Datasheet(HTML) 11 Page - Wiha Tools

Back Button 01658 Datasheet HTML 7Page - Wiha Tools 01658 Datasheet HTML 8Page - Wiha Tools 01658 Datasheet HTML 9Page - Wiha Tools 01658 Datasheet HTML 10Page - Wiha Tools 01658 Datasheet HTML 11Page - Wiha Tools 01658 Datasheet HTML 12Page - Wiha Tools 01658 Datasheet HTML 13Page - Wiha Tools 01658 Datasheet HTML 14Page - Wiha Tools 01658 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
2270P
PicoFinish electric slotted screwdriver.
Handle with rotating cap and rapid-turning zone.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened, black-finish.
Insulation moulded directly onto blade.
Handle:
Wiha PicoFinish handle for sensitive and fast screw fixing.
Standards:
DIN ISO 2380.
Manufactured acc. to IEC 60900:2012.
Application:
For all work on or around electrical components up to 1,000 V AC.
Ord.No.
38874
10
1,5
40
0,25
2,0
154
9
38875
10
2,0
60
0,4
2,0
160
18
38876
10
2,5
60
0,4
2,5
160
18
38877
10
3,0
60
0,5
3,0
160
18
38878
10
3,5
60
0,6
3,5
160
18
All prices are quoted net/pc.
Page 11 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com