Electronic Components Datasheet Search
  English  ▼

X  

01658 Datasheet(PDF) 17 Page - Wiha Tools

Part # 01658
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01658 Datasheet(HTML) 17 Page - Wiha Tools

Back Button 01658 Datasheet HTML 13Page - Wiha Tools 01658 Datasheet HTML 14Page - Wiha Tools 01658 Datasheet HTML 15Page - Wiha Tools 01658 Datasheet HTML 16Page - Wiha Tools 01658 Datasheet HTML 17Page - Wiha Tools 01658 Datasheet HTML 18Page - Wiha Tools 01658 Datasheet HTML 19Page - Wiha Tools 01658 Datasheet HTML 20Page - Wiha Tools 01658 Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
SB 255-12
Volt Detector: Non-contact measuring voltage tester for AC voltages from 230 to 1,000 VAC.
Blister packed.
Scale:
Bright red LED.
Handle:
Handy plastic housing with removable cap. Practical clip.
Torque transducer:
Protected under the white tip, the sensor provides non-contact recognition of AC
voltages within a field of 4 mm.
Measuring category:
CAT III 1,000 VAC.
Standards:
IEC 61010-1
Application:
For determining AC voltages in the low voltage range between 230 and 1,000
VAC.
Extra:
2 AAA batteries (LR03) are inserted in the voltage tester.
Ord.No.
37872
4,2
5
149
39
All prices are quoted net/pc.
Page 17 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com