Electronic Components Datasheet Search
  English  ▼

X  

01688 Datasheet(PDF) 13 Page - Wiha Tools

Part # 01688
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01688 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 01688 Datasheet HTML 9Page - Wiha Tools 01688 Datasheet HTML 10Page - Wiha Tools 01688 Datasheet HTML 11Page - Wiha Tools 01688 Datasheet HTML 12Page - Wiha Tools 01688 Datasheet HTML 13Page - Wiha Tools 01688 Datasheet HTML 14Page - Wiha Tools 01688 Datasheet HTML 15Page - Wiha Tools 01688 Datasheet HTML 16Page - Wiha Tools 01688 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
2270P K6
PicoFinish electric slotted/Phillips screwdriver set, 6-pcs.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened, black-finish.
Insulation moulded directly onto blade.
Handle:
Wiha PicoFinish handle for sensitive and fast screw fixing.
Standards:
DIN ISO 2380, DIN ISO 8764.
Manufactured acc. to IEC 60900:2012.
Application:
For all work on or around electrical components up to 1,000 V AC.
Ord.No.
38996
1
Ord.No. Quantity
38874
1
1,5
40
0,25
2,0
154
9
38875
1
2,0
60
0,4
2,0
160
18
38876
1
2,5
60
0,4
2,5
160
18
38877
1
3,0
60
0,5
3,0
160
18
38879
1
60
2,0
154
9
PH00
38880
1
60
3,0
160
18
PH0
All prices are quoted net/pc.
Page 13 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com