Electronic Components Datasheet Search
  English  ▼

X  

01688 Datasheet(PDF) 7 Page - Wiha Tools

Part # 01688
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01688 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 01688 Datasheet HTML 3Page - Wiha Tools 01688 Datasheet HTML 4Page - Wiha Tools 01688 Datasheet HTML 5Page - Wiha Tools 01688 Datasheet HTML 6Page - Wiha Tools 01688 Datasheet HTML 7Page - Wiha Tools 01688 Datasheet HTML 8Page - Wiha Tools 01688 Datasheet HTML 9Page - Wiha Tools 01688 Datasheet HTML 10Page - Wiha Tools 01688 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
282700
Topra 2K electric pistol ratchet.
For individually tested VDE torque blades of the 28379 series.
Blade:
Designed for all blades of the 28379 series.
Positive locking secures all blades perfectly.
Handle:
Ergonomic pistol handle for high torques.
Axial power transmission without breakdown torque.
Maximum transmission of force due to soft and hard zones which are adapted
manually.
Finely serrated ratchet with 72 teeth enables 5° switching angle: guarantees
precise work when things get tight.
Low range of motion for quick work, e.g. in 2-finger access.
Turbo wheel for extremely fast turning of metal screws and bolts.
Application:
Fast and powerful fastening even of larger screws, e.g. M8 and M10 in the area of
live parts up to 1,000 V AC.
Ord.No.
39069
5
6,0
107
121
All prices are quoted net/pc.
28379
Torque TR electric interchangeable blade, TORX®.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened, black-finish.
Insulation moulded directly onto blade.
Standards:
Manufactured according to IEC 60900:2012.
Application:
For all work on or around electrical components up to 1,000 V AC.
Ord.No.
38931
10
T15
132
35
5,5
38932
10
T20
132
35
10
38933
10
T25
132
35
15
38934
10
T27
132
35
15
38935
10
T30
132
35
20
38936
10
T40
132
35
20
All prices are quoted net/pc.
Page 7 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com