Electronic Components Datasheet Search
  English  ▼

X  

01688 Datasheet(PDF) 40 Page - Wiha Tools

Part # 01688
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01688 Datasheet(HTML) 40 Page - Wiha Tools

Back Button 01688 Datasheet HTML 32Page - Wiha Tools 01688 Datasheet HTML 33Page - Wiha Tools 01688 Datasheet HTML 34Page - Wiha Tools 01688 Datasheet HTML 35Page - Wiha Tools 01688 Datasheet HTML 36Page - Wiha Tools 01688 Datasheet HTML 37Page - Wiha Tools 01688 Datasheet HTML 38Page - Wiha Tools 01688 Datasheet HTML 39Page - Wiha Tools 01688 Datasheet HTML 40Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
369T S9
Ball end hex L-key set in ProStar.
Chrome-plated, 9 pcs.
Blade:
Chrome-vanadium steel, through hardened, chrome-plated.
Standards:
Based on ISO 2936L.
Application:
Specially for hard-to-reach screws and confined spaces.
Extra:
Space saving ProStar allows the easy removal of each key without moving any
others.
Increase in the hand working space of over 30% and thus a reduction of risk of
injury to the knuckles and fingertips thanks to 95° bend of the L-key. Improved
access through a reduction of the L-key head height of up to 15%.
The ball end enables the user to work at angles up to 25°.
Ord.No.
35480
5
Ord.No. Quantity
35482
1
1,5
91
5,5
35483
1
2
101
9
35484
1
2,5
113
9,5
35485
1
3
128
11
35486
1
4
142
13
35487
1
5
163
15
35488
1
6
184
18
35489
1
8
206
22
35490
1
10
231
28
All prices are quoted net/pc.
Page 40 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com