Electronic Components Datasheet Search
  English  ▼

X  

01717 Datasheet(PDF) 16 Page - Wiha Tools

Part # 01717
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01717 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 01717 Datasheet HTML 12Page - Wiha Tools 01717 Datasheet HTML 13Page - Wiha Tools 01717 Datasheet HTML 14Page - Wiha Tools 01717 Datasheet HTML 15Page - Wiha Tools 01717 Datasheet HTML 16Page - Wiha Tools 01717 Datasheet HTML 17Page - Wiha Tools 01717 Datasheet HTML 18Page - Wiha Tools 01717 Datasheet HTML 19Page - Wiha Tools 01717 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
2831 T16
slimVario starter set, 16-pcs.
All commonly used slimBits in a bag.
Handle:
Wiha SoftFinish® electric multi-component handle with roll-off protection.
Bit holder:
Insulated metal ClicFix bit holder locks all slimBits reliability.
Only for 6 mm slimBits.
Bits:
High-quality chrome vanadium steel, through-hardened, bronzed.
Protective insulation moulded directly onto the bit and completely integrated into
the bit in the lower area.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Application:
For all work on or around electrical components up to 1,000 V AC.
Extra:
Effortless access to low-lying fastening elements. Arranged clearly in a high
quality, rugged and durable bag.
SoftFinish® voltage tester, 110-250 volts.
Ord.No.
36068
1
Ord.No. Quantity
34577
1
6
30
50
160
13
34745
1
19
60
140
3,0
0,5
34578
1
2,5
0,4
75
6,0
0,4
34579
1
3,0
0,5
75
6,0
0,6
34580
1
4,0
0,8
75
6,0
2,5
34581
1
5,5
1,0
75
6,0
5,5
34585
1
75
6,0
3,8
PZ1
34586
1
75
6,0
5,5
PZ2
34583
1
75
6,0
3,8
PH1
34584
1
75
6,0
5,5
PH2
34589
1
75
6,0
3,8
SL/PZ1
34590
1
75
6,0
5,5
SL/PZ2
35507
1
75
6,0
3,8
T10
35508
1
75
6,0
5,0
T15
35509
1
75
6,0
5,5
T20
36071
1
75
6,0
5,5
T25
All prices are quoted net/pc.
Page 16 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com