Electronic Components Datasheet Search
  English  ▼

X  

01717 Datasheet(PDF) 2 Page - Wiha Tools

Part # 01717
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01717 Datasheet(HTML) 2 Page - Wiha Tools

  01717 Datasheet HTML 1Page - Wiha Tools 01717 Datasheet HTML 2Page - Wiha Tools 01717 Datasheet HTML 3Page - Wiha Tools 01717 Datasheet HTML 4Page - Wiha Tools 01717 Datasheet HTML 5Page - Wiha Tools 01717 Datasheet HTML 6Page - Wiha Tools 01717 Datasheet HTML 7Page - Wiha Tools 01717 Datasheet HTML 8Page - Wiha Tools 01717 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2831 09 021
LiftUp VDE Magazine Bit holder with 6 slimBits.
Doubled safety: slimBits and magazine are individually VDE-GS tested.
Blade:
Chrome-vanadium steel, through-hardened.
Insulation moulded directly onto blade.
Handle:
Wiha SoftFinish® electric multi-component handle with roll-off protection.
Internal magazine accommodates 6 common slimBits.
Upon opening the magazine holder fans out enabling easy removal of slimBits.
Turnable cap for comfortable handling.
Bit holder:
Insulated metal ClicFix bit holder locks all slimBits reliability.
Easily turnable guide sleeve provides support when fastening.
Suitable for 6 mm slimBits only.
Application:
Compact magazine screwdriver for electrical applications, especially for mobile
applications.
Attention:
Not for use with bit styles C 6.3 and E 6.3.
Ord.No.
38611
5
Ord.No. Quantity
34579
1
3,0
75
0,5
6,0
0,6
34580
1
4,0
75
0,8
6,0
2,5
34581
1
5,5
75
1,0
6,0
5,5
34583
1
75
6,0
3,8
PH1
34584
1
75
6,0
5,5
PH2
34590
1
75
6,0
5,5
SL/PZ2
All prices are quoted net/pc.
Page 2 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com