Electronic Components Datasheet Search
  English  ▼

X  

01717 Datasheet(PDF) 5 Page - Wiha Tools

Part # 01717
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01717 Datasheet(HTML) 5 Page - Wiha Tools

  01717 Datasheet HTML 1Page - Wiha Tools 01717 Datasheet HTML 2Page - Wiha Tools 01717 Datasheet HTML 3Page - Wiha Tools 01717 Datasheet HTML 4Page - Wiha Tools 01717 Datasheet HTML 5Page - Wiha Tools 01717 Datasheet HTML 6Page - Wiha Tools 01717 Datasheet HTML 7Page - Wiha Tools 01717 Datasheet HTML 8Page - Wiha Tools 01717 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
3803 01-020
Magazine bit holder LiftUp 70, magnetic 1/4´´.
Blade:
High grade chrome-vanadium steel, through hardened.
Handle:
Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection.
Bit holder:
Of stainless steel, with powerful Neodym magnet.
Suitable for:
DIN 3126, ISO 1173, style D 6.3.
Bits:
70 mm professional bits.
Application:
The alternative to a screwdriver set.
Compact storage for 6 bits in the handle.
Extra:
For hand and machine operation.
Ord.No.
38588
5
Ord.No. Quantity
33964
1
4,0
70
0,8
33965
1
5,5
70
1,0
33966
1
6,5
70
1,2
01803
1
70
PH1
01805
1
70
PH2
04010
1
70
PH3
All prices are quoted net/pc.
Page 5 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com