Electronic Components Datasheet Search
  English  ▼

X  

32860 Datasheet(PDF) 16 Page - Wiha Tools

Part # 32860
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32860 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 32860 Datasheet HTML 12Page - Wiha Tools 32860 Datasheet HTML 13Page - Wiha Tools 32860 Datasheet HTML 14Page - Wiha Tools 32860 Datasheet HTML 15Page - Wiha Tools 32860 Datasheet HTML 16Page - Wiha Tools 32860 Datasheet HTML 17Page - Wiha Tools 32860 Datasheet HTML 18Page - Wiha Tools 32860 Datasheet HTML 19Page - Wiha Tools 32860 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Meets EN/IEC Insulation Standards
1000V
10,000 Volt tested 1000Volt rated
Slip guards at tips
for user safety
Two layer high contrast
insulated coatings
Carbon steel with
chrome nickel plated
16
Insulated Serrated Straight Fine Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
130
5.0
.06
1
1000Volt
Insulated Serrated Straight Blunt Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
130
5.0
.08
1
1000Volt
Insulated Serrated Straight Blunt Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
145
6.0
.10
1
1000Volt
Insulated Serrated Straight Blunt Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
200
8.0
.18
1
1000Volt
Insulated Serrated Angled Fine Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
145
6.0
.08
1
1000Volt
Insulated Serrated Angled Blunt Tip Tweezers,
IEC/EN 60900 & CSA Standards, 10,000 Volt Tested
Item
OAL
OAL
No.
mm
Inch
lbs.
pkg.
200
8.0
.16
1
1000Volt
Wiha Insulated Serrated Tweezers
Wiha Insulated Ratcheting Cable Cutters
High Voltage Double-Insulated Ratcheting Cable Cutters
High leverage ratchet cable cutter with shear type blades cuts stranded and
flexible copper and aluminum cable. Not for use on steel. Features built in
safety release in all cutting positions, and high-visibility comfort grip handles.
Item
OAL
OAL
up to
Inch
No.
mm
Inch
MCM Dia.
Capacity lbs.
pkg.
250
10.0”
500
1.25”
32ml
1.58
1
280
11.0”
750
2.0”
52ml
2.02
1
1000Volt
Wiha Insulated Serrated Tweezers
Insulated ACSR Ratcheting Cable Cutter
Replaceable tool steel cutting blades are securely mounted for accurate
cutting. Handles lock in closed position for easier storage. High leverage
ratchet mechanism for best cutting performance.
Item
OAL OAL
up to
Inch
No.
mm
Inch
MCM Dia.
Capacity lbs.
pkg.
353
13.9
477
1.25”
32ml
3.42
1
1000Volt
Insulation: VDE, EN/IEC, ASTM, NFPA70E, CSA & OSHA
Tested to 10,000 volts with 1000 volts safety rating
75205
75205
75210
75210
75215
75215
75220
75220
75302
75302
75304
75304
119
11960
11975
11980
11980
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com