Electronic Components Datasheet Search
  English  ▼

X  

32860 Datasheet(PDF) 30 Page - Wiha Tools

Part # 32860
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32860 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 32860 Datasheet HTML 26Page - Wiha Tools 32860 Datasheet HTML 27Page - Wiha Tools 32860 Datasheet HTML 28Page - Wiha Tools 32860 Datasheet HTML 29Page - Wiha Tools 32860 Datasheet HTML 30Page - Wiha Tools 32860 Datasheet HTML 31Page - Wiha Tools 32860 Datasheet HTML 32Page - Wiha Tools 32860 Datasheet HTML 33Page - Wiha Tools 32860 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
80 Piece Insulated Master Electrician’s Set
Item#
Set Includes:
lbs. 27.0
6.3” Long Nose Pliers
6.3” Diagonal Cutters
6.3” Bent Nose Pliers
8.0” High Leverage Cutters
8.0” Long Nose Pliers
8.0” Cable Cutters
6.3” Long Flat Nose Pliers
6.3” Stripping Pliers
9.0” Combo Pliers/Crimpers
8.0” Adjustable Wrench
1000Volt
Insulated Slotted 2.0mm
Insulated Slotted 2.5mm
Insulated Slotted 3.0mm
Insulated Slotted 3.5mm
Insulated Slotted 4.0mm
Insulated Slotted 4.5mm
Insulated Slotted 5.5mm
Insulated Slotted 6.0mm
Insulated Slotted 6.5mm
Insulated Slotted 8.0mm
Insulated Slotted 10.0mm
Insulated Phillips #0
Insulated Phillips #1
Insulated Phillips #2
Insulated Phillips #3
Insulated Nut Driver 7/32”
Insulated Nut Driver 1/4”
Insulated Nut Driver 5/16”
Insulated Nut Driver 3/8”
Insulated Nut Driver 7/16”
Insulated T-handle Hex 5/32”
Insulated T-handle Hex 3/16”
Insulated T-handle Hex 7/32”
Insulated T-handle Hex 1/4”
Insulated T-handle Hex 5/16”
Insulated T-handle Hex 3/8”
Insulated Torx T6
Insulated Torx T7
Insulated Torx T8
Insulated Torx T9
Insulated Torx T10
Insulated Torx T15
Insulated Torx T20
Insulated Torx T25
Insulated Torx T30
Insulated Square #1
Insulated Square #2
Insulated Slt/Ph Terminal #1
Insulated Slt/Ph Terminal #2
Insulated Cable Knife 50mm
2 Meter Ruler In/MM
Insulated Nut Driver 5.0mm
Insulated Nut Driver 5.5mm
Insulated Nut Driver 6.0mm
Insulated Nut Driver 7.0mm
Insulated Nut Driver 8.0mm
Insulated Nut Driver 10.0mm
Insulated Nut Driver 13.0mm
Insulated T-handle Hex 4.0mm
Insulated T-handle Hex 5.0mm
Insulated T-handle Hex 6.0mm
Insulated T-handle Hex 8.0mm
Insulated Socket 1/2”
Insulated Socket 9/16”
Insulated Socket 5/8”
Insulated Socket 11/16”
Insulated Socket 3/4”
Insulated Socket 13/16”
Insulated Socket 7/8”
Insulated Socket 13mm
Insulated Socket 14mm
Insulated Socket 15mm
Insulated Socket 17mm
Insulated Socket 19mm
Insulated Socket 20mm
Insulated Socket 22mm
Insulated Ratchet 3/8” Dr.
Insulated 4.9” Extension
Insulated L-key 10mm
Insulated L-key 1/2”
80 Pc.
BIGGEST
SET
Wiha 1000Volt Insulated Tool Sets - Comfort Grip Handles
Item#
Set Includes:
lbs. 21.5
8.0” Long Nose
6.3” Side Cutters
6.3” Long Flat Nose
8.0” High Leverage Cutters
9.0” Combo Pliers/Crimpers
6.3” Stripping Pliers
8.0” Cable Cutters
8.0” Adjustable Wrench
Insulated Nut Driver 1/4”
Insulated Slotted 2.0mm
Insulated Nut Driver 5/16”
Insulated Slotted 2.5mm
Insulated Nut Driver 11/32”
Insulated Slotted 3.0mm
Insulated Nut Driver 3/8”
Insulated Slotted 4.0mm
Insulated Nut Driver 7/16”
Insulated Slotted 4.5mm
Insulated T-handle Hex 4.0mm
Insulated Slotted 5.5mm
Insulated T-handle Hex 5.0mm
Insulated Slotted 6.0mm
Insulated T-handle Hex 6.0mm
Insulated Slotted 8.0mm
Insulated T-handle Hex 8.0mm
Insulated Slotted 10.0mm
Insulated T-handle Hex 5/32”
Insulated Phillips #0
Insulated T-handle Hex 3/16”
Insulated Phillips #1
Insulated T-handle Hex 7/32”
Insulated Phillips #2
Insulated T-handle Hex 1/4”
Insulated Phillips #3
Insulated T-handle Hex 5/16”
Insulated Torx T8
Insulated T-handle Hex 3/8”
Insulated Torx T10
Insulated Hex L-key 10.0mm
Insulated Torx T15
Insulated Hex L-key 1/2”
Insulated Torx T20
Insulated Socket 1/2”
Insulated Torx T25
Insulated Socket 9/16”
Insulated Torx T30
Insulated Socket 5/8”
Insulated Square #1
Insulated Socket 11/16”
Insulated Square #2
Insulated Socket 3/4”
Insulated Slt/Ph Terminal #1x80
Insulated Socket 13/16”
Insulated Slt/Ph Terminal #2x100
Insulated Socket 7/8”
Insulated Cable Knife 50mm
Insulated Socket 8.0mm
Insulated Extension 4.9”
Insulated Socket 10.0mm
Insulated Ratchet 3/8” Driver
Insulated Socket 13.0mm
Insulated Socket 17.0mm
Insulated Socket 14.0mm
Insulated Socket 19.0mm
Insulated Socket 15.0mm
Insulated Socket 22.0mm
66 Pc. Master Electrician’s Set. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. Pliers drop-forged from special
tool steel, individually high frequency induction hardened, chrome/nickel
plated, mirror-polished.
1000Volt
Master Electrician’s Set
66 Pc.
BIGGER
SET
32877
32877
32876
32876
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com