Electronic Components Datasheet Search
  English  ▼

X  

32860 Datasheet(PDF) 6 Page - Wiha Tools

Part # 32860
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32860 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 32860 Datasheet HTML 2Page - Wiha Tools 32860 Datasheet HTML 3Page - Wiha Tools 32860 Datasheet HTML 4Page - Wiha Tools 32860 Datasheet HTML 5Page - Wiha Tools 32860 Datasheet HTML 6Page - Wiha Tools 32860 Datasheet HTML 7Page - Wiha Tools 32860 Datasheet HTML 8Page - Wiha Tools 32860 Datasheet HTML 9Page - Wiha Tools 32860 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Inch Insulated Ratchet Wrenches, With Insulated Handle
Insulation According to EN/IEC 60900, ISO 3110 Specification,
Up To 1000 Volt. Individually Tested.
Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
3/8
140
5.5
.14
1
7/16
143
5.6
.15
1
1/2
154
6.1
.18
1
9/16
162
6.4
.22
1
5/8
177
7.0
.30
1
3/4
209
8.2
.46
1
Wiha Insulated Ratchet Wrenches
1000Volt
6 Piece Inch Insulated Ratchet Wrenches Set
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
3/8
5.5
9/16
6.4
1.95
7/16
5.6
5/8
7.0
1/2
6.1
3/4
8.2
1000Volt
Steel
Forged from chrome
vanadium, meets - DIN 3110
Insulation Test Standards:
Insulation according to ASTM F-1505-01,
EN/IEC 60900, ISO 3110 and CSA
Specification
Each tool individually
tested to 10,000 volts
and certified to 1000
Volt ac or 1500 Volt dc
1000V
Metric Insulated Ratchet Wrenches, With Insulated Handle
Insulation According to EN/IEC 60900, ISO 3110 Specification,
Up To 1000 Volt. Individually Tested.
Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
8.0
125
4.9
.08
1
10.0
140
5.5
.12
1
12.0
150
5.9
.18
1
13.0
152
6.0
.18
1
14.0
163
6.4
.22
1
17.0
193
7.6
.38
1
19.0
210
8.3
.45
1
1000Volt
7 Piece Metric Insulated Ratchet Wrenches Set
Item
OAL
OAL
No.
mm
mm
mm
mm
lbs.
8.0
4.9
14.0
6.4
2.10
10.0
5.5
17.0
7.6
12.0
5.9
19.0
8.3
13.0
6.0
1000Volt
6
213
21391
21325
21327
21329
21331
21333
21335
212
21208
21210
21212
21213
21214
21217
21219
21391
21290
21290
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com