Electronic Components Datasheet Search
  English  ▼

X  

ALQ124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALQ124
Description  Compliant with IEC/EN60335-1*1 *2 /EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALQ124 Datasheet HTML 1Page - Panasonic Semiconductor ALQ124 Datasheet HTML 2Page - Panasonic Semiconductor ALQ124 Datasheet HTML 3Page - Panasonic Semiconductor ALQ124 Datasheet HTML 4Page - Panasonic Semiconductor ALQ124 Datasheet HTML 5Page - Panasonic Semiconductor ALQ124 Datasheet HTML 6Page - Panasonic Semiconductor ALQ124 Datasheet HTML 7Page - Panasonic Semiconductor ALQ124 Datasheet HTML 8Page - Panasonic Semiconductor ALQ124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB92E 202301
Panasonic Industry Co., Ltd. 2023
10
10
[Protective construction] Sealed
(
Unit:mm)
20
20
16
16
ALQ
Rated coil voltage(DC)
05:5 V, 06:6 V, 09:9 V, 12:12 V
18:18 V, 24:24 V
Coil insulation class
Nil:Class B insulation
F:
Class F insulation
Contact arrangement
1:1 Form C
3:1 Form A
ALQ
Rated coil voltage(DC)
05:5 V, 06:6 V, 09:9 V, 12:12 V, 18:18 V, 24:24 V
Coil insulation class
Nil:Class B insulation
F:
Class F insulation
Contact arrangement
1:1 Form C
3:1 Form A
Packing style
Nil:Carton
S :Tube
Note) 1: The "S" at the end of the part number only appears on the inner and outer packing.
It does not appear on the relay itself.
2: 48V DC types is also available. Please contact our sales representative for details.
3: Reflow mounting compatible products (Flux-resistant type) are also available.
4: Inrush type / Reinforced insulation compatible products are also available.
FEATURES
Small and slim: 10 mm (W) × 20mm (L) × 16mm (H)
Compact with high capacity:
1 Form A / 1 Form C, 10 A
Class “F” coil is available.
Contact rating at 105°C is approved by UL/C-UL
(Class “F” coil only)
Please refer to “SAFETY STANDARDS” about the detail
of contact rating.
Surge withstand voltage
(Between contact and coil) : 8,000 V
High Dielectric strength voltage
(Between contact and coil) : 4,000 Vrms
Compliant with IEC/EN60335-1 *1*2 (VDE approved)
*1: Common safety standard for major electrical
appliance
*2: 1 Form A type is compatible except for the bottom
surface
Compliant with IEC/EN60079-15 *3 (VDE approved)
Compliant with IEC/EN60335-1*1*2/EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
ORDERING INFORMATION (PART NO.)
TYPICAL APPLICATIONS
Home appliance
Industrial equipment
LQ RELAYS
Power Relays (Over 2A)
ー 1 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com