Electronic Components Datasheet Search
  English  ▼

X  

ALQ124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ALQ124
Description  Compliant with IEC/EN60335-1*1 *2 /EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ALQ124 Datasheet HTML 1Page - Panasonic Semiconductor ALQ124 Datasheet HTML 2Page - Panasonic Semiconductor ALQ124 Datasheet HTML 3Page - Panasonic Semiconductor ALQ124 Datasheet HTML 4Page - Panasonic Semiconductor ALQ124 Datasheet HTML 5Page - Panasonic Semiconductor ALQ124 Datasheet HTML 6Page - Panasonic Semiconductor ALQ124 Datasheet HTML 7Page - Panasonic Semiconductor ALQ124 Datasheet HTML 8Page - Panasonic Semiconductor ALQ124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB92E 202301
Panasonic Industry Co., Ltd. 2023
Power Relays (Over 2A) LQ RELAYS
RATING
TYPES
Coil data
• ‘Initial’ means the condition of products at the time of delivery.
Contact
arrangement
Rated coil
voltage
Operate voltage*1
(at 20°C)
Release voltage*1
(at 20°C)
Rated operating
current
10
20°C)
Coil resistance
10
20°C)
Rated operating
1 Form A
V DC
Max.
rated coil voltage
(initial)
Min.
rated coil voltage
(initial)
40 mA
200 mW
130
voltage (at
°C)*2
180
voltage (at 20°C)
6 V DC
33.3 mA
180
9 V DC
22.2 mA
12 V DC
16.7 mA
720
18 V DC
11.1 mA
1 620
24 V DC
8.3 mA
2 880
1 Form C
V DC
Max.
rated coil voltage
(initial)
Min.
rated coil voltage
(initial)
80 mA
62.
400 mW
110
voltage (at
°C)*2
voltage (at 20°C)
6 V DC
66.7 mA
90
9 V DC
44.4 mA
202.
12 V DC
33.3 mA
360
18 V DC
22.2 mA
810
24 V DC
16.7 mA
1 440
Contact arrangement
Rated coil volatage
Part No. *
Standard packing
Class B insulation
Class F insulation
Inner carton
Outer carton
1 Form A
V DC
ALQ
ALQ3F
Carton: 100 pcs
Tube:
pcs
Carton:
pcs
Tube: 1 000 pcs
6 V DC
ALQ306
ALQ3F06
9 V DC
ALQ309
ALQ3F09
12 V DC
ALQ312
ALQ3F12
18 V DC
ALQ318
ALQ3F18
24 V DC
ALQ324
ALQ3F24
1 Form C
V DC
ALQ
ALQ1F
6 V DC
ALQ106
ALQ1F06
9 V DC
ALQ109
ALQ1F09
12 V DC
ALQ112
ALQ1F12
18 V DC
ALQ118
ALQ1F18
24 V DC
ALQ124
ALQ1F24
PC board terminal
Carton
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com