Electronic Components Datasheet Search
  English  ▼

X  

ALQ124 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ALQ124
Description  Compliant with IEC/EN60335-1*1 *2 /EN60079-15*3 (VDE approved) 1 Form A/1 Form C 10A small power relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ124 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ALQ124 Datasheet HTML 4Page - Panasonic Semiconductor ALQ124 Datasheet HTML 5Page - Panasonic Semiconductor ALQ124 Datasheet HTML 6Page - Panasonic Semiconductor ALQ124 Datasheet HTML 7Page - Panasonic Semiconductor ALQ124 Datasheet HTML 8Page - Panasonic Semiconductor ALQ124 Datasheet HTML 9Page - Panasonic Semiconductor ALQ124 Datasheet HTML 10Page - Panasonic Semiconductor ALQ124 Datasheet HTML 11Page - Panasonic Semiconductor ALQ124 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB92E 202301
Panasonic Industry Co., Ltd. 2023
Power Relays (Over 2A) LQ RELAYS
INSULATION CHARACTERISTICS (IEC61810-1)
GUIDELINES FOR USAGE
For cautions for use, please read "GUIDELINES FOR RELAY USAGE".
https://industrial.panasonic.com/ac/e/control/relay/cautions_use/index.jsp
Item
Characteristic
1)*
Min. 4.0 4.0 mm
Category of protection (IEC61810-1)
RTIII
Tracking resistance (IEC60112)
PTI
Insulation material group
III a
Over voltage category
III
Rated voltage
V
Pollution degree
2
Basic insulation
Micro disconnection
Note) Actual value.
TV rating
File No.
Contact rating
E43028
TV-3
for details.
CQC (Approved)
1 Form A (ALQ 3**)
File No.
Contact rating
CQC14002108384
A
V AC
1 Form C (ALQ 1**)
File No.
Contact
Contact rating
CQC14002108384
N.O.
A
V AC
N.C.
2 A
V AC
ー 7 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com