Electronic Components Datasheet Search
  English  ▼

X  

AFP02123 Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # AFP02123
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123 Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button AFP02123 Datasheet HTML 12Page - Panasonic Semiconductor AFP02123 Datasheet HTML 13Page - Panasonic Semiconductor AFP02123 Datasheet HTML 14Page - Panasonic Semiconductor AFP02123 Datasheet HTML 15Page - Panasonic Semiconductor AFP02123 Datasheet HTML 16Page - Panasonic Semiconductor AFP02123 Datasheet HTML 17Page - Panasonic Semiconductor AFP02123 Datasheet HTML 18Page - Panasonic Semiconductor AFP02123 Datasheet HTML 19Page - Panasonic Semiconductor AFP02123 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PRODUCT TYPES
Intelligent units
Power supply unit and others
Link and communication units
Programming tools
Windows version tool software
Control FPWIN GR
(FP0R is compatible with Ver. 2.8 or later.)
Handheld programmer
Windows version tool software
Control FPWIN Pro Ver.6
(Conforms to IEC61131-3)
(FP0R is compatible with Ver. 6.1 or later.)
Japanese tool kit with cable
Not available for FP0R. Also the discontinued models (AFP1113V2 and AFP1114V2) are not compatible with FP0R. (They are compatible with FP0.)
AFPS50160
AFPS50560
AFPS10520
AFPS11520
AFPS10820
AFPS10920
CD-ROM for Windows, with cable (AFC8503)
for connection of FP to DOS/V PC
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
AFPS10122
Options and maintenance parts
Japanese version, Full type
English version, Full type
English version, Full type
English version, Small type
Chinese version, Full type
Korean
Product name
Specications
Part number
Product name
Specications
Part number
Data clear type
Data hold type
Relay output type Necessary when wiring terminals block (Phoenix).
Necessary when wiring relay output type and Molex connectors. (MOLEX: 57189-5000)
Necessary when wiring transistor output type connectors.
Screw-stop attachment plate for FP0 expansion unit. Slim model.
Screw-stop attachment plate for FP0 control unit. Flat model.
Loose-wiring cable (9 leads) with molex socket attached at one end, AWG20, 0.5 mm2,
1 set: 2 cables (blue & white).
Loose-wiring cable (10 leads) with connectors attached at one end, AWG22, 0.3 mm2,
1 set: 2 cables (blue & white)
Length: 1 m 3.3 ft
Length: 3 m 9.8 ft
Length: 1 m 3.3 ft
Length: 3 m 9.8 ft
Flat cable connector set (10 leads)
Attaches to relay output and terminal block type. Maintenance part
Attaches to relay output and Molex connector types. Maintenance part
Attaches to transistor output type. Maintenance part
Attaches to expansion unit. Maintenance part Length: 1 m 3.3 ft
AFP8670
FP Memory Loader (Note)
Terminal screwdriver
Molex connector pressure contact tool
Multi-wire connector pressure contact tool
FP0 Slim type Mounting plate
FP0 Flat type Mounting plate
Relay output Molex type I/O cable
Transistor output type I/O Cable
Flat cable connector set
Terminal socket
Molex socket
Wire-press socket
Power cable for expansion unit
AFP8671
AFP0806
AFP0805
AXY52000FP
AFP0803 (set for 10)
AFP0804 (set for 10)
AFP0551 (2 cables set)
AFP0553 (2 cables set)
AFP0521 (2 cables set)
AFP0523 (2 cables set)
AFP0808 (including 4 pieces)
AFP0802 (2 sokets per pack)
AFP0801 (2 sokets per pack)
AFP0807 (2 sokets per pack)
AFP0581 (1 cable per pack)
Attaches to FP0R control unit. Maintenance part Length: 1 m 3.3 ft
Power cable for conrol unit
AFPG805 (1 cable per pack)
Note: FP0R is compatible with Ver. 2 or later.
Input voltage: 100 to 240 V AC
Output capacity: 24 V DC, 0.7 A
Data clear type
AFP0634
FP0-PSA4
AFP8670
Data hold type
AFP8671
Product name
Specications
Part number
Product number
FP Memory Loader
FP0 Power Supply Unit
AFP0480
AFP0401
AFP0420
AFP04123
AFP04121
AFP0421
FP0-A21
FP0-A80
FP0-TC4
FP0-A04I
FP0-A04V
FP0-TC8
Specications
Part number
Product number
K, J, T and R thermocouple, Resolution: 0.1°C
K, J, T and R thermocouple, Resolution: 0.1°C
<Input specifications>
<Output specifications>
<Input specifications>
<Output specifications>
Number or channels : 2 channels
Input range
: Voltage 0 to 5 V, -10 to +10 V (Resolution: 1/4,000)
Current 0 to 20 mA (Resolution: 1/4,000)
Number or channels : 1 channel
Output range
: Voltage -10 to +10 V (Resolution: 1/4,000)
Current 0 to 20 mA (Resolution: 1/4,000)
Number or channels : 8 channels
Input range
: Voltage 0 to 5 V, -10 to +10 V, -100 to 100 mV (Resolution: 1/4,000)
Current 0 to 20 mA (Resolution: 1/4,000)
Number or channels : 4 channels
Output range
: (Voltage output type) -10 to +10 V (Resolution: 1/4,000)
(Current output type) 4 to 20 mA (Resolution: 1/4,000)
FP0 Analog I/O Unit
FP0 A/D Converter Unit
FP0 D/A Converter Unit
FP0 Thermocouple Unit
Product name
AFP07943
24 V DC
FP0-CCLS
AFP0732
24 V DC
24 V DC
FP0-IOL
AKS1202
AFP8536
100 to 240 V AC
AFP8532
24 V DC
AFP0611
24 V DC
FP-WEB2
Specications
Part number
Product number
Power supply
voltage
Product name
This unit is for making the FP0 function as a slave station of the CC-Link.
Only one unit can be connected to the furthest right edge of the FP0 expansion bus.
Note: Accuracy will change if an FP0 thermocouple unit is used at the same time.
For details, please refer to the catalog or to the CC-Link Unit manual.
This is a link unit designed to make the FP0 function as a station to MEWNET-F (remote
I/O system).
RS232C/RS485 data can be easily monitored by LAN.
This is an RS485 adapter designed to allow use of the computer link function for
connecting to a network-connected PLC via C-NET from a host computer.
Unit for connecting FP series or RS232C interface device and Ethernet
Web-server function and E-mail sending function
FP0 CC-Link Slave Unit
FP0 I/O Link Unit
KS1 Signal Converter
C-NET Adapter
(for computer side)
FP Web-Server 2 Unit
18
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com